Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM8PE53B Datasheet(PDF) 3 Page - Feeling Technology Corp.

Part # FM8PE53B
Description  OTP-Based 8-Bit Microcontroller
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FM8PE53B Datasheet(HTML) 3 Page - Feeling Technology Corp.

  FM8PE53B Datasheet HTML 1Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 2Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 3Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 4Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 5Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 6Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 7Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 8Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
FM8PE53B
Web site: http://www.feeling-tech.com.tw
Rev1.02.011 Aug 21, 2014
P.3/FM8PE53B
FEELING
TECHNOLOGY
PIN CONNECTION
PDIP, SOP
IOA0
IOB7
IOB6
VDD
IOB5/OSCI
IOB4/OSCO
IOB3/RSTB
IOA1
IOA2
IOA3
VSS
IOB0/INT
IOB1
IOB2/T0CKI
FM8PE53B
1
2
3
4
5
6
7
14
13
12
11
10
9
8
PIN DESCRIPTIONS
Name
I/O
Description
IOA0 ~ IOA3
I/O
IOA0 ~ IOA3 as bi-direction I/O pin
Software controlled pull-down
IOB0/INT
I/O
Bi-direction I/O pin with system wake-up function
Software controlled pull-high/open-drain/pull-down
External interrupt input
IOB1
I/O
Bi-direction I/O pin with system wake-up function
Software controlled pull-high/open-drain/pull-down
IOB2/T0CKI
I/O
Bi-direction I/O pin with system wake-up function
Software controlled pull-high/open-drain/pull-down
External clock input to Timer0
IOB3/RSTB
I/O
Input pin or open-drain output pin with system wake-up function
System clear (RESET) input. Active low RESET to the device. Weak pull-high
always on if configured as RSTB.
Voltage on this pin must not exceed VDD, See IOB3 diagram for detail
description.
IOB4/OSCO
I/O
Bi-direction I/O pin with system wake-up function (RCOUT optional in IRC/ERIC,
ERC mode)
Software controlled pull-high/open-drain
Oscillator crystal output (HF, XT, LF mode)
Outputs with the instruction cycle rate (RCOUT optional in IRC/ERIC, ERC mode)
IOB5/OSCI
I/O
Bi-direction I/O pin with system wake-up function (IRC mode)
Software controlled pull-high/open-drain
Oscillator crystal input (HF, XT, LF mode)
External clock source input (ERIC, ERC mode)
IOB6 ~ IOB7
I/O
Bi-direction I/O pin with system wake-up function
Software controlled pull-high/open-drain
Vdd
-
Positive supply
Vss
-
Ground
Legend: I=input, O=output, I/O=input/output


Similar Part No. - FM8PE53B

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FM8PE531M FEELING-FM8PE531M Datasheet
7Mb / 55P
   OTP-Based 8-Bit Microcontroller
FM8PE531MA FEELING-FM8PE531MA Datasheet
7Mb / 55P
   OTP-Based 8-Bit Microcontroller
FM8PE531MAP FEELING-FM8PE531MAP Datasheet
7Mb / 55P
   OTP-Based 8-Bit Microcontroller
FM8PE531MB FEELING-FM8PE531MB Datasheet
7Mb / 55P
   OTP-Based 8-Bit Microcontroller
FM8PE531MBD FEELING-FM8PE531MBD Datasheet
7Mb / 55P
   OTP-Based 8-Bit Microcontroller
More results

Similar Description - FM8PE53B

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FM8PB53B FEELING-FM8PB53B Datasheet
2Mb / 55P
   OTP-Based 8-Bit Microcontroller
FM8PB56B FEELING-FM8PB56B Datasheet
2Mb / 53P
   OTP-Based 8-Bit Microcontroller
FM8PE53M FEELING-FM8PE53M Datasheet
2Mb / 52P
   OTP-Based 8-Bit Microcontroller
FM8PE51M FEELING-FM8PE51M Datasheet
2Mb / 72P
   OTP-Based 8-Bit Microcontroller
FM8PE59M FEELING-FM8PE59M Datasheet
3Mb / 72P
   OTP-Based 8-Bit Microcontroller
FM8PE56M FEELING-FM8PE56M Datasheet
2Mb / 53P
   OTP-Based 8-Bit Microcontroller
FM8PE59B FEELING-FM8PE59B Datasheet
3Mb / 72P
   OTP-Based 8-Bit Microcontroller
FM8PE531M FEELING-FM8PE531M Datasheet
7Mb / 55P
   OTP-Based 8-Bit Microcontroller
FM8PE581M FEELING-FM8PE581M Datasheet
3Mb / 87P
   OTP-Based 8-Bit Microcontroller
FM8PA76 FEELING-FM8PA76 Datasheet
3Mb / 78P
   OTP-Based 8-Bit Microcontroller with 12 bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com