Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CN3791 Datasheet(PDF) 1 Page - Shanghai Consonance Electronics Incorporated

Part # CN3791
Description  Standalone Li-ion Battery Charger IC Photovoltaic Cell MPPT Function
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONSONANCE [Shanghai Consonance Electronics Incorporated]
Direct Link  http://www.consonance-elec.com/
Logo CONSONANCE - Shanghai Consonance Electronics Incorporated

CN3791 Datasheet(HTML) 1 Page - Shanghai Consonance Electronics Incorporated

  CN3791 Datasheet HTML 1Page - Shanghai Consonance Electronics Incorporated CN3791 Datasheet HTML 2Page - Shanghai Consonance Electronics Incorporated CN3791 Datasheet HTML 3Page - Shanghai Consonance Electronics Incorporated CN3791 Datasheet HTML 4Page - Shanghai Consonance Electronics Incorporated CN3791 Datasheet HTML 5Page - Shanghai Consonance Electronics Incorporated CN3791 Datasheet HTML 6Page - Shanghai Consonance Electronics Incorporated CN3791 Datasheet HTML 7Page - Shanghai Consonance Electronics Incorporated CN3791 Datasheet HTML 8Page - Shanghai Consonance Electronics Incorporated CN3791 Datasheet HTML 9Page - Shanghai Consonance Electronics Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CONSONANCE
www.consonance-elec.com
1
Rev.1.0
4A, Standalone Li-ion Battery Charger IC
With Photovoltaic Cell MPPT Function
CN3791
General Descriptions:
The CN3791 is a PWM switch-mode lithium ion
battery charger controller that can be powered by
photovoltaic cell with maximum power point
tracking function with few external components.
The CN3791 is specially designed for charging
lithium ion batteries with constant current and
constant voltage mode. In constant voltage mode,
the regulation voltage can be fixed at 4.2V with ±
1% accuracy. The constant charge current is
programmable with a single current sense resistor.
Deeply discharged batteries are automatically
trickle charged at 17.5% of the full-scale current
until the cell voltage exceeds 66.5% of constant
voltage. The charge cycle is terminated once the
charge current drops to 16% of full-scale current,
and a new charge cycle automatically restarts if the
battery voltage falls below 95.5% of regulation
voltage. CN3791 will automatically enter sleep
mode when input voltage is lower than battery
voltage.
Other features include under voltage lockout,
battery over voltage protection, status indication.
CN3791 is available in a space-saving 10-pin
SSOP package.
Applications:
Power Bank
Hand-held Equipment
Battery-Backup Systems
Portable Industrial and Medical Equipment
Standalone Battery Chargers
Features:
Photovoltaic Cell Maximum Power Point
Tracking
Wide Input Voltage: 4.5V to 28V
Complete Charge Controller for single
cell Lithium-ion Battery
Charge Current Up to 4A
High
PWM
Switching
Frequency:
300KHz
Constant Voltage: 4.2V±1%
Charging Current is programmed with a
current sense resistor
Automatic
Conditioning
of
Deeply
Discharged Batteries
Automatic Recharge
Charging Status Indication
Soft Start
Battery Overvoltage Protection
Operating Ambient Temperature
-40℃ to +85℃
Available in 10 Pin SSOP Package
Pb-free, Rohs-Compliant, Halogen Free
Pin Assignment:
GND
VG
CSP
VCC
CN3791
1
2
3
4
DRV
5
COM
6
7
8
9
10
CHRG
DONE
MPPT
BAT


Similar Part No. - CN3791

ManufacturerPart #DatasheetDescription
logo
Shanghai Consonance Ele...
CN3795 CONSONANCE-CN3795 Datasheet
212Kb / 11P
Multi-Chemistry Battery Charger
More results

Similar Description - CN3791

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE4702 ACE-ACE4702 Datasheet
353Kb / 15P
2 Cell Li-ion Battery Charger IC
VER 1.1
logo
Linear Technology
LTC4065-4.4 LINER-LTC4065-4.4_15 Datasheet
189Kb / 16P
Standalone 750mA Li-Ion Battery Charger
logo
Shanghai Consonance Ele...
CN3722 CONSONANCE-CN3722 Datasheet
240Kb / 12P
5A, Multi-Chemistry Battery Charger IC With Photovoltaic Cell MPPT Function
CN3702 CONSONANCE-CN3702 Datasheet
239Kb / 11P
Standalone Li-ion Battery Charger
CN3703 CONSONANCE-CN3703 Datasheet
238Kb / 11P
Standalone Li-ion Battery Charger
CN3704 CONSONANCE-CN3704 Datasheet
238Kb / 11P
Standalone Li-ion Battery Charger
CN3761 CONSONANCE-CN3761 Datasheet
213Kb / 11P
Standalone Li-ion Battery Charger
CN3762 CONSONANCE-CN3762 Datasheet
211Kb / 11P
Standalone 2-Cell Li-ion Battery Charger
CN3763 CONSONANCE-CN3763 Datasheet
211Kb / 11P
Standalone 3-Cell Li-ion Battery Charger
CN3781 CONSONANCE-CN3781 Datasheet
212Kb / 11P
Standalone Li-ion Battery Charger IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com