Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY8008A Datasheet(PDF) 1 Page - Silergy Corp.

Part # SY8008A
Description  High Efficiency 1.5MHz, 0.6A/1A/1.2A Synchronous Step Down Regulator Preliminary Spec
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILERGY [Silergy Corp.]
Direct Link  http://www.silergy.com/
Logo SILERGY - Silergy Corp.

SY8008A Datasheet(HTML) 1 Page - Silergy Corp.

  SY8008A Datasheet HTML 1Page - Silergy Corp. SY8008A Datasheet HTML 2Page - Silergy Corp. SY8008A Datasheet HTML 3Page - Silergy Corp. SY8008A Datasheet HTML 4Page - Silergy Corp. SY8008A Datasheet HTML 5Page - Silergy Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SY8008A/SY8008B/SY8008C
High Efficiency 1.5MHz, 0.6A/1A/1.2A
Synchronous Step Down Regulator
Preliminary Spec
SY8008Rev. # 0.91
Silergy Corp. Confidential- Prepared for Internal Use Only
1
General Description
The SY8008A, SY8008B and SY8008C are high-
efficiency 1.5MHz synchronous step-down DC-DC
regulator ICs capable of delivering up to 1.2A output
currents. The SY8008 family operate over a wide input
voltage range from 2.5V to 5.5V and integrate main
switch and synchronous switch with very low Rds(on)
to minimize the conduction loss.
Low output voltage ripple and small external inductor
and
capacitor
sizes
are achieved
with
1.5MHz
switching frequency. This along with small SOT-
23/TSOT-23
footprint
provides
small
PCB
area
application.
Applications
• Portable Navigation Device
• Smart phone
• USB Dongle
• Set Top Box
• Media Player
Features
• low Rds(on) for internal switches (top/bottom)
ο SY8008A: 300m /250m , 0.6A
ο SY8008B: 250m /200m , 1A
ο SY8008C: 200m /150m , 1.2A
• 2.5-5.5V input voltage range
• 1.5MHz switching frequency minimizes the
external components
• Internal softstart limits the inrush current
• 100% dropout operation
• RoHS Compliant and Halogen Free
• Compact package: SOT23-5/ TSOT23-5 pin
Ordering Information
Temperature Code
C: -40
°C~85°C
Package Code:
AA:SOT23-5
AC:TSOT23-5
Spec Code
SY8008□
□(□□
□□
□□
□□)□
Typical Applications
LX
IN
GND
FB
EN
VIN
C
IN
L
R1
R2
VOUT
COUT
C1(opt.)
Figure 1
Figure 2.
Efficiency vs Load Current


Similar Part No. - SY8008A

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
SY800 LUMINIS-SY800 Datasheet
393Kb / 2P
Cast aluminum ventilated top cover.
logo
Silergy Corp.
SY8002A1 SILERGY-SY8002A1 Datasheet
326Kb / 6P
High Efficiency, 1.5MHz, 2A Synchronous Step Down Regulator
Rev. 0.9
SY8003 SILERGY-SY8003 Datasheet
858Kb / 10P
High Efficiency 5.5V, 3A continuous, 1MHz Synchronous Step Down Regulator
SY8003A SILERGY-SY8003A Datasheet
858Kb / 10P
High Efficiency 5.5V, 3A continuous, 1MHz Synchronous Step Down Regulator
SY8003ADFC SILERGY-SY8003ADFC Datasheet
858Kb / 10P
High Efficiency 5.5V, 3A continuous, 1MHz Synchronous Step Down Regulator
More results

Similar Description - SY8008A

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC3211 E-CMOS-EC3211 Datasheet
1Mb / 16P
1.5MHz, 1.2A, Synchronous Step-Down Regulator Dropout
logo
Silergy Corp.
SY8088 SILERGY-SY8088 Datasheet
782Kb / 7P
High Efficiency 1.5MHz, 1A Synchronous Step Down Regulator Preliminary Specification
logo
Feeling Technology Corp...
FP6161 FEELING-FP6161 Datasheet
436Kb / 16P
1.5MHz, 1A Synchronous Step-Down Regulator
FP6167 FEELING-FP6167 Datasheet
377Kb / 14P
Dual 1.5MHz, 1A Synchronous Step-Down Regulator
logo
TECHCODE SEMICONDUCTOR,...
TD6811 TECHCODE-TD6811 Datasheet
938Kb / 17P
1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
TD6811B TECHCODE-TD6811B Datasheet
938Kb / 17P
1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
TD6814 TECHCODE-TD6814 Datasheet
896Kb / 17P
1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
logo
Fitipower Integrated Te...
FP6382 FITIPOWER-FP6382 Datasheet
981Kb / 13P
Dual High Efficiency 1MHz/1.5MHz 1A Synchronous Step Down Regulator
logo
First Silicon Co., Ltd
FTD6811 FS-FTD6811 Datasheet
1Mb / 16P
1.5MHz 1.2A Synchronous Step-Down Regulator
logo
Unisonic Technologies
UD05124 UTC-UD05124 Datasheet
245Kb / 9P
HIGH EFFICIENCY 1.5MHZ 1.2A SYNCHRONOUS STEP DOWN CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com