Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM6665C-XX Datasheet(PDF) 15 Page - OKI electronic componets

Part # MSM6665C-XX
Description  DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6665C-XX Datasheet(HTML) 15 Page - OKI electronic componets

Back Button MSM6665C-XX Datasheet HTML 11Page - OKI electronic componets MSM6665C-XX Datasheet HTML 12Page - OKI electronic componets MSM6665C-XX Datasheet HTML 13Page - OKI electronic componets MSM6665C-XX Datasheet HTML 14Page - OKI electronic componets MSM6665C-XX Datasheet HTML 15Page - OKI electronic componets MSM6665C-XX Datasheet HTML 16Page - OKI electronic componets MSM6665C-XX Datasheet HTML 17Page - OKI electronic componets MSM6665C-XX Datasheet HTML 18Page - OKI electronic componets MSM6665C-XX Datasheet HTML 19Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
15/31
¡ Semiconductor
MSM6665C-xx
FEDL6665C-02
I/O Procedure
• Input timing (command input, display data input)
8-bit input synchronization is taken by this leading edge.
If input in an 8-bit unit is kept, the following leading edges of CS is not needed.
17D : Max=[Master clock cycle] x 10
9D : Max=[Master clock cycle] x 20
BUSY
LSB
LSB
MSB
MSB
BUSY
"Z"
don't care
C/D
C/ D
CS
SO
SI
SHT
NON-BUSY/
Note: If CS is set at "L" level when 8-bit read-out is not complete, and CS is set at "H" level
again, then read-out operation is executed, uncomplete data will be output continually
and the remaining read-out data will be zero.
• Output timing (display code data output)
Code data or arbitrator data indicated by the address pointer is always output, provided
that the SOE command has already been input.
BUSY
LSB
MSB
NON-BUSY/ BUSY
"Z"
don't care
C/ D
CS
SO
SHT
Synchronization in an 8-bit unit.
17D : Max=[Master clock cycle] x 10
9D : Max=[Master clock cycle] x 20
NON-BUSY


Similar Part No. - MSM6665C-XX

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6665 OKI-MSM6665 Datasheet
261Kb / 30P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6665-XX OKI-MSM6665-XX Datasheet
261Kb / 30P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
More results

Similar Description - MSM6665C-XX

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6555B-XX OKI-MSM6555B-XX Datasheet
208Kb / 27P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6665 OKI-MSM6665 Datasheet
261Kb / 30P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM5299B OKI-MSM5299B Datasheet
234Kb / 11P
   DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM6222B OKI-MSM6222B Datasheet
390Kb / 45P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM9005 OKI-MSM9005 Datasheet
296Kb / 30P
   DOT MATRIX LCD CONTROLLER WITH 8-DOT COMMON DRIVER AND 65-DOT SEGMENT DRIVER
ML9040 OKI-ML9040 Datasheet
434Kb / 47P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
ML9040A OKI-ML9040A Datasheet
435Kb / 49P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM5279 OKI-MSM5279 Datasheet
205Kb / 9P
   DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM6222B-01 OKI-MSM6222B-01 Datasheet
825Kb / 37P
   DOT MATRIX LCD CONTROLLER WITH 16 DOT COMMON DRIVER AND 40 DOT SEGMENT DRTVER
MSM6368 OKI-MSM6368 Datasheet
443Kb / 10P
   DOT MATRIX 80 DOT COMMON DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com