Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM6665C-XX Datasheet(PDF) 14 Page - OKI electronic componets

Part # MSM6665C-XX
Description  DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6665C-XX Datasheet(HTML) 14 Page - OKI electronic componets

Back Button MSM6665C-XX Datasheet HTML 10Page - OKI electronic componets MSM6665C-XX Datasheet HTML 11Page - OKI electronic componets MSM6665C-XX Datasheet HTML 12Page - OKI electronic componets MSM6665C-XX Datasheet HTML 13Page - OKI electronic componets MSM6665C-XX Datasheet HTML 14Page - OKI electronic componets MSM6665C-XX Datasheet HTML 15Page - OKI electronic componets MSM6665C-XX Datasheet HTML 16Page - OKI electronic componets MSM6665C-XX Datasheet HTML 17Page - OKI electronic componets MSM6665C-XX Datasheet HTML 18Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
14/31
¡ Semiconductor
MSM6665C-xx
FEDL6665C-02
• CHB (Character Blink on/off)
[0,X,X,X,0,0,1/0,X]
Command used to control blinking of characters and arbitrator (5-dot unit).
This command is executed to the address indicated by the address pointer. Blinking is
on by setting D1="1", and off by setting D1="0".
For blinking of characters, all lighting-on or all lighting-off, and characters-displaying
are repeated.
Choosing between all lighting-on and all lighting-off is controlled by BPC command.
For arbitrator, only lighting bits repeat lighting-off and lighting-on. The blink control or
arbitrator is valid only when ABBC1/5="0" and in the 5-dot unit mode.
Refer to BPC.
• CSC (Cursor Control on/off)
[0,X,X,X,0,1,1/0,X]
Command used to control lighting-on and lighting-off of cursor.
This command is executed to the address indicated by the address pointer.The cursor
is lighting on by setting D1="1", and lighting off by setting D1="0".
• CSB (Cursor Blink on/off)
[0,X,X,X,1,0,1/0,X]
Command used to control blinking of cursor.
This command is executed to the address indicated by the address pointer. Blinking is
on by setting D1="1", and off by setting D1="0".
The blinking in the address, where cursor-lighting-on is not specified, does not occur,
though the command of blinking is acceptable. Blinking starts by specifying cursor-
lighting-on.
• CCB (Character & Cursor Blink on/off)
[0,X,X,X,1,1,1/0,X]
Command used to execute both CHB command and CSB command.
• BPC (Blink Pattern Control)
[1,0,0,X,0,0,1,1/0]
Command used to control blink patterns of characters.
When D0="1" is set, all lighting-off (35 dots) and characters-displaying are repeated.
When D0="0" is set, all lighting-on (35 dots) and characters-displaying are repeated.
When D0="1" is set, if characters are blanks, their blinkings do not occur in appearance.
When D0="0" is set, if characters are in all lighting-on, their blinkings do not occur in
appearance.
D0 is set to "0" after inputting Reset.
• Increment (+1) in address pointer
When display data or arbitrator data (1-dot unit) is entered or when the following
commands are executed, the address pointer is incremented by 1.
AINC, CHB, CSC, CSB and CCB.
[D0 = "1"]
[D0 = "0"]


Similar Part No. - MSM6665C-XX

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6665 OKI-MSM6665 Datasheet
261Kb / 30P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6665-XX OKI-MSM6665-XX Datasheet
261Kb / 30P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
More results

Similar Description - MSM6665C-XX

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6555B-XX OKI-MSM6555B-XX Datasheet
208Kb / 27P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6665 OKI-MSM6665 Datasheet
261Kb / 30P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM5299B OKI-MSM5299B Datasheet
234Kb / 11P
   DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM6222B OKI-MSM6222B Datasheet
390Kb / 45P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM9005 OKI-MSM9005 Datasheet
296Kb / 30P
   DOT MATRIX LCD CONTROLLER WITH 8-DOT COMMON DRIVER AND 65-DOT SEGMENT DRIVER
ML9040 OKI-ML9040 Datasheet
434Kb / 47P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
ML9040A OKI-ML9040A Datasheet
435Kb / 49P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM5279 OKI-MSM5279 Datasheet
205Kb / 9P
   DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM6222B-01 OKI-MSM6222B-01 Datasheet
825Kb / 37P
   DOT MATRIX LCD CONTROLLER WITH 16 DOT COMMON DRIVER AND 40 DOT SEGMENT DRTVER
MSM6368 OKI-MSM6368 Datasheet
443Kb / 10P
   DOT MATRIX 80 DOT COMMON DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com