Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM6665C-XX Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM6665C-XX
Description  DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6665C-XX Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM6665C-XX Datasheet HTML 9Page - OKI electronic componets MSM6665C-XX Datasheet HTML 10Page - OKI electronic componets MSM6665C-XX Datasheet HTML 11Page - OKI electronic componets MSM6665C-XX Datasheet HTML 12Page - OKI electronic componets MSM6665C-XX Datasheet HTML 13Page - OKI electronic componets MSM6665C-XX Datasheet HTML 14Page - OKI electronic componets MSM6665C-XX Datasheet HTML 15Page - OKI electronic componets MSM6665C-XX Datasheet HTML 16Page - OKI electronic componets MSM6665C-XX Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
13/31
¡ Semiconductor
MSM6665C-xx
FEDL6665C-02
• DISP (Display on/off)
[1,0,0,X,1,0,0,1/0]
Command used to control display-on and display-off of the LCD panel.
When D0 is "1", the display of the LCD panel goes on, and When D0 is "0", it goes off.
When the display is off, the VDD level voltage is output on all of pins of both the segment
drivers and the common drivers.
D0 is set to "0" after inputting Reset.
• ABBC 1/5 (Arbitrator Blink Control 1/5 dot)
[1,0,0,1,1,1,0,1/0]
Command used to do switching between arbitrator’s blinking in a 1-dot unit and or in
a 5-dot unit.
When D0 is "1", arbitrator’s blinking comes in the 1 dot unit mode.
When D0 is "0", it comes in the 5-dot unit mode.
D0="0" is set after inputting Reset.
Note:
1-dot unit blink setting Æ See ABB.
5-dot unit blink setting Æ See CHB.
• ABB (Arbitrator Blink)
[1,0,0,0,1,1,0,1/0]
Command used to control on/off of blinking, which is valid only when arbitrator’s
blinking is set in the 1-dot unit mode.
Data , which are entered via SI pin after setting D0="1", are taken as arbitrator blink data
(1-dot unit).
Input blink data correspond to each of arbitrator’s dots. When "1", blinking is on, and
when "0", blinking is off.
Note that the arbitrator, which arbitrator-on is not specified, is not able to blink, though
blink-setting is available. Dummy data must be entered into the arbitrator blink data D5
thru D7.
It is impossible to write data in addresses 00 through 31.
D0="0" is set after inputting Reset.
Note:
If blink is set in the 5-dot unit mode, ABB command setting (D0="1" or "0") is
available, but blink-on/off setting via input of display data is impossible.
• AINC (Address Increment)
[1,0,0,X,1,X,1,X]
Command used to increment the value of the address pointer by 1.
The pointer is increment by 1 each time this command is executed. The operation set by
LOT command is given to the address before being increased by 1 each time this
command is execution.


Similar Part No. - MSM6665C-XX

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6665 OKI-MSM6665 Datasheet
261Kb / 30P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6665-XX OKI-MSM6665-XX Datasheet
261Kb / 30P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
More results

Similar Description - MSM6665C-XX

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6555B-XX OKI-MSM6555B-XX Datasheet
208Kb / 27P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6665 OKI-MSM6665 Datasheet
261Kb / 30P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM5299B OKI-MSM5299B Datasheet
234Kb / 11P
   DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM6222B OKI-MSM6222B Datasheet
390Kb / 45P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM9005 OKI-MSM9005 Datasheet
296Kb / 30P
   DOT MATRIX LCD CONTROLLER WITH 8-DOT COMMON DRIVER AND 65-DOT SEGMENT DRIVER
ML9040 OKI-ML9040 Datasheet
434Kb / 47P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
ML9040A OKI-ML9040A Datasheet
435Kb / 49P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM5279 OKI-MSM5279 Datasheet
205Kb / 9P
   DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM6222B-01 OKI-MSM6222B-01 Datasheet
825Kb / 37P
   DOT MATRIX LCD CONTROLLER WITH 16 DOT COMMON DRIVER AND 40 DOT SEGMENT DRTVER
MSM6368 OKI-MSM6368 Datasheet
443Kb / 10P
   DOT MATRIX 80 DOT COMMON DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com