Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM6665C-XX Datasheet(PDF) 12 Page - OKI electronic componets

Part # MSM6665C-XX
Description  DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6665C-XX Datasheet(HTML) 12 Page - OKI electronic componets

Back Button MSM6665C-XX Datasheet HTML 8Page - OKI electronic componets MSM6665C-XX Datasheet HTML 9Page - OKI electronic componets MSM6665C-XX Datasheet HTML 10Page - OKI electronic componets MSM6665C-XX Datasheet HTML 11Page - OKI electronic componets MSM6665C-XX Datasheet HTML 12Page - OKI electronic componets MSM6665C-XX Datasheet HTML 13Page - OKI electronic componets MSM6665C-XX Datasheet HTML 14Page - OKI electronic componets MSM6665C-XX Datasheet HTML 15Page - OKI electronic componets MSM6665C-XX Datasheet HTML 16Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
12/31
¡ Semiconductor
MSM6665C-xx
FEDL6665C-02
Command Description
[D7, D6, D5, D4, D3, D2, D1, D0], X=don’t care
• LPA (Load Pointer Address)
[1,1,A5,A4,A3,A2,A1,A0]
The command sets "address" data into the address pointer to specify an address on
which command execution affects and an address where display data is stored. The
"address" is a number between 0 and 2FH, given by A0 through A5 in hexadecimal.
When addresses 30H through 3FH are specified, display data and CHB, CSC, CSB, CCB
commands become invalid through an address pointer is set up. Normally, the address
pointer is a loop of 0H through 2FH.
• LOT (Load Option)
[1,0,1,1,X,X,I1,I0]
This command indicates some specific operation of display at the current address which
is performed each time of AINC command execution.
Operation is specified by bit I1 and I0 of the command.
I1
I0
Operation
Operation is cancelled. (No operation)
00
Hereafter, equivalent to writing blank code at each AINC execution.
01
Hereafter, Cursor-off and blink-cancellation are executed at each AINC execution.
10
Both of above two operations are made.
11
Note: When blink-cancellation is executed, all RAM data, which controls blinks for each bit
of the arbitrator, go zeros.
• BKCG 1/0 (Bank Change 1/0)
[1,0,0,X,0,0,0,1/0]
Command used to do switching between display address groups (switching between
BANKs), which is valid only when 1/9duty display is selected.
When D0 is "0", display address range becomes 0 through 15, and 32 through 47.
When D0 is "1", display address range becomes 16 through 31, and 32 through 47.
Command execution and display data setting are not affected by Bank setting.
The D0 status is not changed by Reset inputting. The D0 status is unknown when the
system is powered on. So D0 must be set to "0" or "1" with the command.
• SOE/D (Serial Out Enable/Disable)
[1,0,0,X,0,1,1,1/0]
Command used to control the impedance of SO output pin.
When D0 is "1", display data is output via SO pin. When D0 is "0", SO pin goes to high
impedance.
The D0 status is not changed by Reset inputting. The D0 status is unknown when the
system is powered on. So D0 must be set to "0" or "1" with the command.


Similar Part No. - MSM6665C-XX

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6665 OKI-MSM6665 Datasheet
261Kb / 30P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6665-XX OKI-MSM6665-XX Datasheet
261Kb / 30P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
More results

Similar Description - MSM6665C-XX

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6555B-XX OKI-MSM6555B-XX Datasheet
208Kb / 27P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6665 OKI-MSM6665 Datasheet
261Kb / 30P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM5299B OKI-MSM5299B Datasheet
234Kb / 11P
   DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM6222B OKI-MSM6222B Datasheet
390Kb / 45P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM9005 OKI-MSM9005 Datasheet
296Kb / 30P
   DOT MATRIX LCD CONTROLLER WITH 8-DOT COMMON DRIVER AND 65-DOT SEGMENT DRIVER
ML9040 OKI-ML9040 Datasheet
434Kb / 47P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
ML9040A OKI-ML9040A Datasheet
435Kb / 49P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM5279 OKI-MSM5279 Datasheet
205Kb / 9P
   DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM6222B-01 OKI-MSM6222B-01 Datasheet
825Kb / 37P
   DOT MATRIX LCD CONTROLLER WITH 16 DOT COMMON DRIVER AND 40 DOT SEGMENT DRTVER
MSM6368 OKI-MSM6368 Datasheet
443Kb / 10P
   DOT MATRIX 80 DOT COMMON DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com