Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM6665C-XX Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM6665C-XX
Description  DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6665C-XX Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM6665C-XX Datasheet HTML 4Page - OKI electronic componets MSM6665C-XX Datasheet HTML 5Page - OKI electronic componets MSM6665C-XX Datasheet HTML 6Page - OKI electronic componets MSM6665C-XX Datasheet HTML 7Page - OKI electronic componets MSM6665C-XX Datasheet HTML 8Page - OKI electronic componets MSM6665C-XX Datasheet HTML 9Page - OKI electronic componets MSM6665C-XX Datasheet HTML 10Page - OKI electronic componets MSM6665C-XX Datasheet HTML 11Page - OKI electronic componets MSM6665C-XX Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
8/31
¡ Semiconductor
MSM6665C-xx
FEDL6665C-02
FUNCTIONAL DESCRIPTION
Pin Functional Description
• SI (Serial Input)
Input pin for inputting serially commands and display data in an 8-bit unit.
"H"=1 and "L"=0.
When CS pin is at “H” level, read-in is executed by the leading edge of SHT.
Whether input data is a command or data is determined by selecting a C/D level at the
8th leading edge of SHT.
The input data is a command if C/D="H", and display data if C/D="L".
•C/D (Command/Data)
Input pin for determining whether input data for SI pin is a command or display data.
Read-in is executed by the 8th leading edge of SHT. The input data is a command if C/
D="H", and display data if C/D="L".
• SHT (Shift Clock)
Clock input pin for reading-in SI input and C/D input.
Read-in is executed by the clock leading edge. Read-in operation is complete with 8
clocks. Maintain this SHT pin at "H" when there is no command and data input from the
SI pin. Inputting data during BUSY may cause malfunction.
Valid if CS pin is at "H" level.
• SO (Serial Out)
Serial output pin for reading-out BUSY/NON-BUSY and display data. "H"="1" and
"L"="0". If CS pin is at "H" level and Serial out Enable is set with the command, output
is executed.
Otherwise, this pin becomes high impedance. BUSY/NON-BUSY is output when CS
pin is at "H" level. BUSY if "L" and NON-BUSY if "H". It goes BUSY after the 8th leading
edge of SHT, then goes NON-BUSY automatically after a certain time.
Display data is output synchronously with the leading edge of SHT.
Input instruction SOE/D to set this output to Serial Out Enable or a high impedance state
since the pin status is undefined after the power is applied.
• CS (Chip Select)
Chip Select input pin.
"Chip Select ON" if CS pin is at "H" level, and "Chip Select OFF" at "L" level. When "L"
level is input, SO pin becomes open and SHT pin becomes equivalent to "H" level inside
of the IC. Moreover, it prevents the input rows of SI, C/D and SHT pins from current
flowing.
Note: For SI, C/D, SHT, SO, and CS, refer to "I/O Procedure".
• RST
Direct input reset input pin.
By inputting "L" level pulse into RST pin, SOE/D, DISP, ABBC1/5, and ABB commands
are set as D0="0". Before turning on the power, be sure to set RST pin at "L" level once.
Setting this pin at "L" level during command execution may cause malfunction.
• 9D/17D (1/9Duty/1/17Duty)
Duty setting input pin.
1/9duty is set if this pin is at "H" level, and 1/17duty at "L" level. Choice depends on the
type of panel to be used.
If 1/9duty is selected, common outputs C10 to C17 should be set open.


Similar Part No. - MSM6665C-XX

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6665 OKI-MSM6665 Datasheet
261Kb / 30P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6665-XX OKI-MSM6665-XX Datasheet
261Kb / 30P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
More results

Similar Description - MSM6665C-XX

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6555B-XX OKI-MSM6555B-XX Datasheet
208Kb / 27P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6665 OKI-MSM6665 Datasheet
261Kb / 30P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM5299B OKI-MSM5299B Datasheet
234Kb / 11P
   DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM6222B OKI-MSM6222B Datasheet
390Kb / 45P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM9005 OKI-MSM9005 Datasheet
296Kb / 30P
   DOT MATRIX LCD CONTROLLER WITH 8-DOT COMMON DRIVER AND 65-DOT SEGMENT DRIVER
ML9040 OKI-ML9040 Datasheet
434Kb / 47P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
ML9040A OKI-ML9040A Datasheet
435Kb / 49P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM5279 OKI-MSM5279 Datasheet
205Kb / 9P
   DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM6222B-01 OKI-MSM6222B-01 Datasheet
825Kb / 37P
   DOT MATRIX LCD CONTROLLER WITH 16 DOT COMMON DRIVER AND 40 DOT SEGMENT DRTVER
MSM6368 OKI-MSM6368 Datasheet
443Kb / 10P
   DOT MATRIX 80 DOT COMMON DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com