Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM6665C-XX Datasheet(PDF) 27 Page - OKI electronic componets

Part # MSM6665C-XX
Description  DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6665C-XX Datasheet(HTML) 27 Page - OKI electronic componets

Back Button MSM6665C-XX Datasheet HTML 23Page - OKI electronic componets MSM6665C-XX Datasheet HTML 24Page - OKI electronic componets MSM6665C-XX Datasheet HTML 25Page - OKI electronic componets MSM6665C-XX Datasheet HTML 26Page - OKI electronic componets MSM6665C-XX Datasheet HTML 27Page - OKI electronic componets MSM6665C-XX Datasheet HTML 28Page - OKI electronic componets MSM6665C-XX Datasheet HTML 29Page - OKI electronic componets MSM6665C-XX Datasheet HTML 30Page - OKI electronic componets MSM6665C-XX Datasheet HTML 31Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
27/31
¡ Semiconductor
MSM6665C-xx
FEDL6665C-02
PAD CONFIGURATION
Pad Layout
Chip size : 6.09 ¥ 4.97mm
Passivation film etched hole : 110 ¥ 110mm
92
93
117
1
33
34
X
58
59
Y
C15
–2486
–2332
Pad Name
X (
µm)
Y (
µm)
Pad No.
Pad Name
X (
µm)
Y (
µm)
C14
–2336
–2332
C13
–2186
–2332
C12
–2036
–2332
C11
–1886
C10
–1736
C9
–1586
C8
–1436
C7
–1286
C6
–1136
C5
C4
C3
C2
C1
VSS
VSS5
VSS4
VSS3
–986
–836
–686
–536
–386
–227
–67
83
233
21
VSS1
533
–2332
22
CS
683
23
C/D
833
24
SI
983
25
SHT
1133
26
9D/17D
1283
27
RST
1433
28
SO
1583
29
VDD
1733
30
31
32
33
34
35
36
37
38
39
OSC1
OSC2
OSC3
TEST1
TEST2
TEST3
S80
S79
S78
S77
1891
2308
2489
2639
2870
2870
2870
2870
2870
2870
VSS2
383
40
S76
2870
–2332
–2332
–2332
–2332
–2332
–2332
–2332
–2332
–2332
–2332
–2332
–2332
–2332
–2332
–2332
–2332
–2332
–2332
–2332
–2332
–2332
–2332
–2332
–2332
–2332
–2332
–2332
–2332
–1797
–1647
–1347
–1197
–1047
–897
–747
1
Pad No.
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
Pad Coordinates


Similar Part No. - MSM6665C-XX

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6665 OKI-MSM6665 Datasheet
261Kb / 30P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6665-XX OKI-MSM6665-XX Datasheet
261Kb / 30P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
More results

Similar Description - MSM6665C-XX

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6555B-XX OKI-MSM6555B-XX Datasheet
208Kb / 27P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6665 OKI-MSM6665 Datasheet
261Kb / 30P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM5299B OKI-MSM5299B Datasheet
234Kb / 11P
   DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM6222B OKI-MSM6222B Datasheet
390Kb / 45P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM9005 OKI-MSM9005 Datasheet
296Kb / 30P
   DOT MATRIX LCD CONTROLLER WITH 8-DOT COMMON DRIVER AND 65-DOT SEGMENT DRIVER
ML9040 OKI-ML9040 Datasheet
434Kb / 47P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
ML9040A OKI-ML9040A Datasheet
435Kb / 49P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM5279 OKI-MSM5279 Datasheet
205Kb / 9P
   DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM6222B-01 OKI-MSM6222B-01 Datasheet
825Kb / 37P
   DOT MATRIX LCD CONTROLLER WITH 16 DOT COMMON DRIVER AND 40 DOT SEGMENT DRTVER
MSM6368 OKI-MSM6368 Datasheet
443Kb / 10P
   DOT MATRIX 80 DOT COMMON DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com