Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBU408 Datasheet(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # GBU408
Description  GBJ35005
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

GBU408 Datasheet(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  GBU408 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. GBU408 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BRIDGE RECTIFIERS
GBU4005 THRU GBU410
Characteristic Curves (TA=25 ℃ unless otherwise noted)
V , INSTANTANEOUS FORWARD VOLTAGE (V)
T ,CASE TEMPERATURE , ( )
0
e Current
0.02
20
2
0.2
8
6
4
2
1
10
100
0
140
80
60
40
20
100
120
160
0
50
100
0.8
1.2
0.6
0.4
1.0
1.4
1.6
PERCENT OF RATED PEAK REVERSE VOLTAGE
TA=25°C
10
1.0
.1
0.01
0
40
60
80
100
120
140
20
Fig. 1 Output Current Derating Curve
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Maximum Peak Forward Surg
(per leg)
T = 25 C
Single Half Sine-Wave
Pulse Width = 8.3ms
(JEDEC Method)
A
°
Fig.2Typical Forward Characteristics (per leg)
F
T= 25 C
Pulse Width = 300 s
A
°
µ
Fig. 4 Typical Junction Capacitance
150
C
http://www.trr-jx.com
version: 02


Similar Part No. - GBU408

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBU408 DIODES-GBU408 Datasheet
54Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21225 Rev. D-2
logo
DONGGUAN YOU FENG WEI E...
GBU408 YFWDIODE-GBU408 Datasheet
281Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
SeCoS Halbleitertechnol...
GBU408 SECOS-GBU408 Datasheet
376Kb / 2P
   4.0Amp Glass Passivated Bridge Rectifiers
logo
Diodes Incorporated
GBU408 DIODES-GBU408 Datasheet
75Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21225 Rev. 7 - 2
logo
Chongqing Pingwei Enter...
GBU408 CHONGQING-GBU408 Datasheet
206Kb / 2P
   SINGLE PHASE4.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com