Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBU408 Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # GBU408
Description  GBJ35005
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

GBU408 Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  GBU408 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. GBU408 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
· Glass passivated chip junction
GBU
· Reliable low cost construction utilizing molded
plastic technique
· Ideal for printed circuit board
· Low forward voltage drop
· Low reverse leakage current
· High surge current capability
MECHANICAL DATA
Case: Molded plastic, GBU
Epoxy: UL 94V-O rate flame retardant
Terminals: Leads solderable per MIL-STD-202,
method 208 guaranteed
Mounting position: Any
Weight: 0.15ounce, 4.0gram
Maximum Ratings and Electrical Characteristics
Ratings at 25ambient temperature unless otherwise specified.
Single phase, half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
Dimensions in millimeters
DimMin
Max
A
21.8
22.3
B
3.5
4.1
C
7.4
7.9
D
1.65
2.16
E
2.25
2.75
G
1.02
1.27
H
4.83
5.33
J
17.5
18.0
K
4.2 X 45°
L
18.3
18.8
M
3.30
3.56
N
0.46
0.56
P
0.76
1.0
- ~ ~ +
A
B
K
D
E
F
G
H
J
M
N
P
L
C
· UL Recognized File # E469616
BRIDGE RECTIFIERS
GBU4005 THRU GBU410
F
2.05
2.3
6.3
25.7
Average Rectified Output Current (Note 1)@T =90
(Note 2)
Typical Thermal Resistance per leg (Note 3)
Rating for fusing (t <8.3ms)
1.1
@IF=2A
Forward Voltage per element
@IF=4A
80
65
θJA
C
Typical Junction Capacitance per leg
RRM
Peak Reverse Current
@T =25
At Rated DC Blocking Voltage
@T =125
A
4.0
410
408
406
404
402
401
4005
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
1.0
GBU
GBU
GBU
SYMBOL
V
VRWM
VDC
VRMS
35
70
140
280
420
560
700
VFM
R
RθJL
TJ,TSTG
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
Operating and Storage Temperature Range
RMS Reverse Voltage
-55to+150
uA
pF
℃/W
IR
5.0
500
A
V
IFSM
UNITS
V
V
A
1000
100
200
400
600
800
50
TYPE NUMBER
GBU
GBU
GBU
GBU
Note:1. Mounted on glass epoxy PC board with 1.3mm
2 solder pad.
A
J
C
I
2
t
26
A s
2
3. Device mounted on 50mm x 50mm x 1.6mm Cu Plate Heatsink.
I
2
t
IF(AV)
http://www.trr-jx.com
version: 02


Similar Part No. - GBU408

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBU408 DIODES-GBU408 Datasheet
54Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21225 Rev. D-2
logo
DONGGUAN YOU FENG WEI E...
GBU408 YFWDIODE-GBU408 Datasheet
281Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
SeCoS Halbleitertechnol...
GBU408 SECOS-GBU408 Datasheet
376Kb / 2P
   4.0Amp Glass Passivated Bridge Rectifiers
logo
Diodes Incorporated
GBU408 DIODES-GBU408 Datasheet
75Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21225 Rev. 7 - 2
logo
Chongqing Pingwei Enter...
GBU408 CHONGQING-GBU408 Datasheet
206Kb / 2P
   SINGLE PHASE4.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com