Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM6665C Datasheet(PDF) 18 Page - OKI electronic componets

Part # MSM6665C
Description  DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6665C Datasheet(HTML) 18 Page - OKI electronic componets

Back Button MSM6665C Datasheet HTML 14Page - OKI electronic componets MSM6665C Datasheet HTML 15Page - OKI electronic componets MSM6665C Datasheet HTML 16Page - OKI electronic componets MSM6665C Datasheet HTML 17Page - OKI electronic componets MSM6665C Datasheet HTML 18Page - OKI electronic componets MSM6665C Datasheet HTML 19Page - OKI electronic componets MSM6665C Datasheet HTML 20Page - OKI electronic componets MSM6665C Datasheet HTML 21Page - OKI electronic componets MSM6665C Datasheet HTML 22Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
18/31
¡ Semiconductor
MSM6665C-xx
FEDL6665C-02
Flowchart for Power-On Timing
*1
After the required commands and display data are intered, perform busy detection
based on the SO pin status. When it is confirmed that the status has been changed
from BUSY (SO="L") to NON-BUSY (SO="H"), enter the next data.
If busy detection is not performed, wait for 10 master oscillation clocks when used at
1/17 duty or for 20 master oscillation clocks when at 1/9 duty, then enter the next
data.
Turn on power
Reset input
Wait for 20 clocks
5ms required; external reset input or power-on reset input
CS="H"
The device is enabled.
Clock input for initial busy clear.
SOE/D, D0="1"
Make the SO output enable, to perform busy detection.
Wait for 20 clocks
Input a wait for the SOE/D command processing. (For the processing
of each command after this, perform busy detection. *1)
BPC and BKCG
command set
Set the blink pattern and bank change mode.
LOT, I1="1", I0="1"
Set the Load Option. (Blank-code writing and blink-cancellation
are executed each time the AINC command is executed.)
AINC executed 48 times
Input the AINC command to clear the RAM data.
LOT, I1="1", I0="1"
Release the Load Option.
Input display data for initial screen
DISP, D0="1"
Display is turned on and the initial screen is displayed.
Is Input of display data for
initial screen completed?
NO
YES
Normal operation
10 clocks at 1/17 duty
20 clocks at 1/9 duty
(
)


Similar Part No. - MSM6665C

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6665 OKI-MSM6665 Datasheet
261Kb / 30P
DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6665-XX OKI-MSM6665-XX Datasheet
261Kb / 30P
DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
More results

Similar Description - MSM6665C

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9040 OKI-ML9040 Datasheet
434Kb / 47P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM5279 OKI-MSM5279 Datasheet
205Kb / 9P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5299B OKI-MSM5299B Datasheet
234Kb / 11P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM6222B-01 OKI-MSM6222B-01 Datasheet
825Kb / 37P
DOT MATRIX LCD CONTROLLER WITH 16 DOT COMMON DRIVER AND 40 DOT SEGMENT DRTVER
MSM6222B OKI-MSM6222B Datasheet
390Kb / 45P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM6665 OKI-MSM6665 Datasheet
261Kb / 30P
DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM9005 OKI-MSM9005 Datasheet
296Kb / 30P
DOT MATRIX LCD CONTROLLER WITH 8-DOT COMMON DRIVER AND 65-DOT SEGMENT DRIVER
MSM6555B-XX OKI-MSM6555B-XX Datasheet
208Kb / 27P
DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
ML9040A OKI-ML9040A Datasheet
435Kb / 49P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM6368 OKI-MSM6368 Datasheet
443Kb / 10P
DOT MATRIX 80 DOT COMMON DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com