Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM6665C Datasheet(PDF) 11 Page - OKI electronic componets

Part # MSM6665C
Description  DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6665C Datasheet(HTML) 11 Page - OKI electronic componets

Back Button MSM6665C Datasheet HTML 7Page - OKI electronic componets MSM6665C Datasheet HTML 8Page - OKI electronic componets MSM6665C Datasheet HTML 9Page - OKI electronic componets MSM6665C Datasheet HTML 10Page - OKI electronic componets MSM6665C Datasheet HTML 11Page - OKI electronic componets MSM6665C Datasheet HTML 12Page - OKI electronic componets MSM6665C Datasheet HTML 13Page - OKI electronic componets MSM6665C Datasheet HTML 14Page - OKI electronic componets MSM6665C Datasheet HTML 15Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
11/31
¡ Semiconductor
MSM6665C-xx
FEDL6665C-02
List of Commands
X : Don't care
Notes :
1. Commands number 1 to 7 and command number 13 do not affect pointer address.
2. By entering commands number 8 to 12 or display code data, pointer address is
automatically incremented by 1.
3. When Reset is entered, commands numbers 5 to 7 or number 13 are set to D0="0".
Mnemonics
7
1
Comments
D
Serial addresses 0 to 47
1
No.
LPA
Operation
Load Pointer
Address
Arbitrator Blink
LOT
BKCG 1/0
SOE/D
DISP
ABBC 1/5
ABB
AINC
CHB
CSC
CSB
CCB
BPC
Load Option
Bank Change 1/0
Serial Out
Enable/Disable
Display on/off
Arbitrator Blink
Control 1/5 dot
Address Increment
Character Blink on/off
Cursor Control
on/off
Cursor Blink
on/off
Character & Cursor
Blink on/off
Blink Pattern
Control
6
1
5
A5
4
A4
3
A3
2
A2
1
A1
0
A0
Meanings for I1 and I0 are set as in
the table below.
Valid only when 1/9duty.
Switching between display addresses
0 and 15, and between 16 and 31.
Switching output and high impedance
of SO
Sets arbitrator blink in a 1dot unit or
a 5dot unit. 1dot if D0="1", 5 dot if
D0="0"
1
1
1
1
1
1
1
0
0
0
0
1
0
0
0
0
0
0
0
X
X
X
X
1
0
0
0
0
0
0
X
X
X
X
00
1
X
X
X
1
0
X
X
X
X
X
X
X
0
0
1
1
1
1
0
0
1
1
0
X
0
1
0
1
1
X
0
1
0
1
0
I1
0
1
0
0
0
1
1/0
1/0
1/0
1/0
1
I0
1/0
1/0
1/0
1/0
1/0
X
X
X
X
X
1/0
2
3
4
5
6
7
8
9
10
11
12
13
Data that is input via SI after setting
D0="1", is set as data for arbitrator
blink (1-dot unit). This is cancelled by
D0="0"
Pointer address is incremented by 1.
Controls blinking of characters and
arbitrators (5-dot). Though arbitrator
blink that is set as all-blank dispalyed
is acceptable, blinking does not occur.
Turns cursor on or off.
Controls blinking of cursor.
But, though blinking setting with
no cursor-on setting is acceptable,
blinking does not occur.
CHB + CSB
Sets blink patterns of characters.
( :chara.) if D0="1" ( :chara.)
if D0="0"
qn
Display ON if D0="1"
Display OFF if D0="0"
I1
I0
Operation
Operation is canceled. (No operation)
00
Hereafter, equivalent to writing blank code at each AINC execution.
01
Hereafter, cursor-off and blink-cancellation are executed at each AINC execution.
10
Both of above two operations are made.
11


Similar Part No. - MSM6665C

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6665 OKI-MSM6665 Datasheet
261Kb / 30P
DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6665-XX OKI-MSM6665-XX Datasheet
261Kb / 30P
DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
More results

Similar Description - MSM6665C

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9040 OKI-ML9040 Datasheet
434Kb / 47P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM5279 OKI-MSM5279 Datasheet
205Kb / 9P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5299B OKI-MSM5299B Datasheet
234Kb / 11P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM6222B-01 OKI-MSM6222B-01 Datasheet
825Kb / 37P
DOT MATRIX LCD CONTROLLER WITH 16 DOT COMMON DRIVER AND 40 DOT SEGMENT DRTVER
MSM6222B OKI-MSM6222B Datasheet
390Kb / 45P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM6665 OKI-MSM6665 Datasheet
261Kb / 30P
DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM9005 OKI-MSM9005 Datasheet
296Kb / 30P
DOT MATRIX LCD CONTROLLER WITH 8-DOT COMMON DRIVER AND 65-DOT SEGMENT DRIVER
MSM6555B-XX OKI-MSM6555B-XX Datasheet
208Kb / 27P
DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
ML9040A OKI-ML9040A Datasheet
435Kb / 49P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM6368 OKI-MSM6368 Datasheet
443Kb / 10P
DOT MATRIX 80 DOT COMMON DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com