Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM6665C Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM6665C
Description  DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6665C Datasheet(HTML) 5 Page - OKI electronic componets

  MSM6665C Datasheet HTML 1Page - OKI electronic componets MSM6665C Datasheet HTML 2Page - OKI electronic componets MSM6665C Datasheet HTML 3Page - OKI electronic componets MSM6665C Datasheet HTML 4Page - OKI electronic componets MSM6665C Datasheet HTML 5Page - OKI electronic componets MSM6665C Datasheet HTML 6Page - OKI electronic componets MSM6665C Datasheet HTML 7Page - OKI electronic componets MSM6665C Datasheet HTML 8Page - OKI electronic componets MSM6665C Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
5/31
¡ Semiconductor
MSM6665C-xx
FEDL6665C-02
ELECTRICAL CHARACTERISTICS
DC Characteristics (1)
Parameter
(VDD=2.5 to 3.5V, VBI=3 to 8V, Ta=–40 to +85°C)
"H" Input Voltage 1
VIH1
"L" Input Voltage 1
VIL1
"H" Input Voltage 2
VIH2
"L" Input Voltage 2
VIL2
"H" Input Current 1
IIH1
"L" Input Current
IIL
"H" Input Current 2
IIH2
"H" Output Voltage
VOH
"L" Output Voltage
VOL
OFF Leakage
IOFF
OSC "H" Output Current
IOH
OSC "L" Output Current
IOL
COM Output Resistance
RC
SEG Output Resistance
RS
Supply Current 1
IDD1
Supply Current 2
IDD2
External clock input
External clock input
VI=VDD
VI=0V
Pull-down resistance, VI=VDD
IOH=–1.5mA
IOL=1.5mA
VI=VDD/0V
VI=VDD–0.5V
VI=0.5V
I0=±50mA
I0=±10mA
RC oscillation, f=80kHz
C=56pF, RS=10kW
R=66kW, No load
External clock, f=80kHz
Symbol
Condition
Min. Typ. Max. Unit
Applicable pin
0.8VDD —VDD
V
OSC1
0
— 0.2VDD
V
OSC1
0.8VDD —VDD
V
Input pins except OSC1
0
— 0.2VDD
V
Input pins except OSC1
——
1
m
A
Input pins except TEST
——–1
m
A
Input pins
0.01
0.4
mA TEST 1 - 3
VDD–0.5 ——
V
SO
0.5
V
SO
——
±1
m
ASO
–0.15 mA OSC2, OSC3
0.15
mA OSC2, OSC3
——
6
kW C1 - C17
——18
kW S1 - S80
0.5
mA
——70
m
A—
Parameter
(VDD=4.5 to 5.5V, VBI=3 to 8V, Ta=–40 to +85°C)
"H" Input Voltage 1
VIH1
"L" Input Voltage 1
VIL1
"H" Input Voltage 2
VIH2
"L" Input Voltage 2
VIL2
"H" Input Current 1
IIH1
"L" Input Current
IIL
"H" Input Current 2
IIH2
"H" Output Voltage
VOH
"L" Output Voltage
VOL
OFF Leakage
IOFF
OSC "H" Output Current
IOH
OSC "L" Output Current
IOL
COM Output Resistance
RC
SEG Output Resistance
RS
Supply Current 1
IDD1
Supply Current 2
IDD2
External clock input
External clock input
VI=VDD
VI=0V
Pull-down resistance, VI=VDD
IOH=–1.5mA
IOL=1.5mA
VI=VDD/0V
VI=VDD–0.5V
VI=0.5V
I0=±50mA
I0=±10mA
RC oscillation, f=80kHz
C=56pF, RS=10kW
R=66kW, No load
External clock, f=80kHz
Symbol
Condition
Min. Typ. Max. Unit
Applicable pin
0.8VDD —VDD
V
OSC1
0
— 0.2VDD
V
OSC1
0.8VDD —VDD
V
Input pins except OSC1
0
— 0.2VDD
V
Input pins except OSC1
——
1
m
A
Input pins except TEST
——–1
m
A
Input pins
0.05
0.7
mA TEST 1 - 3
VDD–0.5 ——
V
SO
0.5
V
SO
——
±1
m
ASO
–0.5
mA OSC2, OSC3
0.5
mA OSC2, OSC3
——
6
kW C1 - C17
——18
kW S1 - S80
1.3
mA
100
m
A—
DC Characteristics (2)


Similar Part No. - MSM6665C

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6665 OKI-MSM6665 Datasheet
261Kb / 30P
DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6665-XX OKI-MSM6665-XX Datasheet
261Kb / 30P
DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
More results

Similar Description - MSM6665C

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6555B-XX OKI-MSM6555B-XX Datasheet
208Kb / 27P
DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6665 OKI-MSM6665 Datasheet
261Kb / 30P
DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM5299B OKI-MSM5299B Datasheet
234Kb / 11P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM6222B OKI-MSM6222B Datasheet
390Kb / 45P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM9005 OKI-MSM9005 Datasheet
296Kb / 30P
DOT MATRIX LCD CONTROLLER WITH 8-DOT COMMON DRIVER AND 65-DOT SEGMENT DRIVER
ML9040 OKI-ML9040 Datasheet
434Kb / 47P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
ML9040A OKI-ML9040A Datasheet
435Kb / 49P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM5279 OKI-MSM5279 Datasheet
205Kb / 9P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM6222B-01 OKI-MSM6222B-01 Datasheet
825Kb / 37P
DOT MATRIX LCD CONTROLLER WITH 16 DOT COMMON DRIVER AND 40 DOT SEGMENT DRTVER
MSM6368 OKI-MSM6368 Datasheet
443Kb / 10P
DOT MATRIX 80 DOT COMMON DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com