Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TG-5005CE-21G Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TG-5005CE-21G
Description  MT6516 Design Notice V1.0
Download  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TG-5005CE-21G Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button TG-5005CE-21G Datasheet HTML 2Page - List of Unclassifed Manufacturers TG-5005CE-21G Datasheet HTML 3Page - List of Unclassifed Manufacturers TG-5005CE-21G Datasheet HTML 4Page - List of Unclassifed Manufacturers TG-5005CE-21G Datasheet HTML 5Page - List of Unclassifed Manufacturers TG-5005CE-21G Datasheet HTML 6Page - List of Unclassifed Manufacturers TG-5005CE-21G Datasheet HTML 7Page - List of Unclassifed Manufacturers TG-5005CE-21G Datasheet HTML 8Page - List of Unclassifed Manufacturers TG-5005CE-21G Datasheet HTML 9Page - List of Unclassifed Manufacturers TG-5005CE-21G Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 212 page
background image
Copyright © MediaTek Inc. All rights reserved.
6
MT6516 Package
MT6516 Package
0.26
0.21
1.2
0.3
0.378 / 0.535
564
15
15
C
A1
A (Max.)
b
e1 / e2
N
E
D
Substrate Thk.
Stand Off
Package Thk.
Ball Dia.
Ball Pitch
Ball Count
Body Size
Table 1 Definition of TFBGA 15mm*15mm, 564-ball, 0.378 mm pitch Package (Unit: mm)


Similar Part No. - TG-5005CE-21G

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
TG-5005CE EPSONTOYOCOM-TG-5005CE Datasheet
362Kb / 1P
   TCXO MINIATURE SIZE LOW PROFILE
More results

Similar Description - TG-5005CE-21G

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
SCM120-120-EVK AXIOMTEK-SCM120-120-EVK Datasheet
364Kb / 1P
   High flexibility SMARC v1.0 compliant design
SCM120 AXIOMTEK-SCM120_16 Datasheet
231Kb / 1P
   High flexibility SMARC v1.0 compliant design
logo
Shenzhen Huazhimei Semi...
HM5424 HMSEMI-HM5424 Datasheet
622Kb / 11P
   H User Manual V1.0
HM3132 HMSEMI-HM3132 Datasheet
860Kb / 10P
   Chip Data Sheet V1.0
HM2106 HMSEMI-HM2106 Datasheet
723Kb / 10P
   Chip Data Manual V1.0
logo
Infineon Technologies A...
TC3X4L INFINEON-TC3X4L Datasheet
1,014Kb / 49P
   TriBoard Manual TC3X4L Hardware: TriBoard TC3X4L TH V1.0 and TriBoard TC3X4L V1.0
V1.2 2019-09
logo
Shenzhen Huazhimei Semi...
HM2103 HMSEMI-HM2103 Datasheet
812Kb / 10P
   Chip Data Manual V1.0
HM3117 HMSEMI-HM3117 Datasheet
773Kb / 10P
   Chip data sheet V1.0
logo
Semtech Corporation
SX1308P490GW SEMTECH-SX1308P490GW Datasheet
332Kb / 2P
   Picocell Gateway V1.0 Development Kit
logo
Shenzhen TOPWAY Technol...
HM-0020 TOPWAY-HM-0020 Datasheet
178Kb / 12P
   LCD Module User Manual V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com