Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSGEQ7 Datasheet(PDF) 1 Page - Mixed Signal Integration

Part # MSGEQ7
Description  Seven Band Graphic Equalizer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSGEQ7 Datasheet(HTML) 1 Page - Mixed Signal Integration

  MSGEQ7 Datasheet HTML 1Page - Mixed Signal Integration MSGEQ7 Datasheet HTML 2Page - Mixed Signal Integration MSGEQ7 Datasheet HTML 3Page - Mixed Signal Integration MSGEQ7 Datasheet HTML 4Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Seven Band Graphic Equalizer
Data Sheet
5/2011
Description
The seven band graphic equalizer IC is a CMOS chip
that divides the audio spectrum into seven bands,
63Hz, 160Hz, 400Hz, 1kHz, 2.5kHz, 6.25kHz and
16kHz.
The seven frequencies are peak detected
and multiplexed to the output to provide a DC repre-
sentation of the amplitude of each band. No external
components are needed to select the filter respons-
es. Only an off chip resistor and capacitor are
needed to select the on chip clock oscillator fre-
quency. The filter center frequencies track this fre-
quency.
Other than coupling and decoupling capacitors, no
other external components are needed.
The chip
supply can be between 2.7 and 5.5 volts with 5 volts
providing the best performance.
The device has
very low quiescent current ( less than 1mA typical)
for portable audio devices. The multiplexor is con-
trolled by a reset and a strobe, permitting multi-
plexor readout with only two pins. The multiplexor
readout rate also controls the decay time (10% de-
cay per read), so no external pins are needed for this
function.
Features
Low Power Consumption
Only Two External Components
On Chip Ground Reference
Switched - Capacitor Filters
3.3 or 5 volt Operation
20 dB of Gain Typical
On Chip Oscillator
Output Multiplexor
Variable Decay Time
8 Pin Package
Applications
Portable Stereos
Car Stereos
Hi-Fi Stereos
Spectrum Analyzers
Absolute Maximum Ratings
Power Supply Voltage
+6V
Storage Temperature
-60 to + 150 C
Operating Temperature
0 to 70 C
20
00
63
160
400
1000
2500
6250
16000
Frequency Response
Web Site “www.mix-sig.com”
© 2011 Mixed Signal Integration 1


Similar Part No. - MSGEQ7

ManufacturerPart #DatasheetDescription
logo
Mixed Signal Integratio...
MSGEQ5A MSI-MSGEQ5A Datasheet
70Kb / 4P
Five Band Graphic Equalizer
More results

Similar Description - MSGEQ7

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7307 NJRC-NJU7307 Datasheet
260Kb / 9P
11-BAND EVR FOR GRAPHIC EQUALIZER???
logo
Toshiba Semiconductor
TA2062F TOSHIBA-TA2062F Datasheet
290Kb / 7P
5 BAND GRAPHIC EQUALIZER
TA7796P TOSHIBA-TA7796P Datasheet
338Kb / 8P
5 BAND GRAPHIC EQUALIZER
logo
Samsung semiconductor
KA2223 SAMSUNG-KA2223 Datasheet
188Kb / 4P
5-BAND GRAPHIC EQUALIZER AMPLIFIER
logo
Sanyo Semicon Device
LA3600 SANYO-LA3600 Datasheet
169Kb / 6P
5-Band Graphic Equalizer
LA3607 SANYO-LA3607 Datasheet
194Kb / 6P
7-Band Graphic Equalizer?
LA3605 SANYO-LA3605 Datasheet
272Kb / 6P
7 BAND GRAPHIC EQUALIZER
logo
rfsolutions.ltd
SG3 RFSOLUTIONS-SG3 Datasheet
716Kb / 2P
77 Band Graphic Equalizer (Stereo)
SG4 RFSOLUTIONS-SG4 Datasheet
694Kb / 2P
10 Band Graphic Equalizer
logo
Mixed Signal Integratio...
MSGEQ5A MSI-MSGEQ5A Datasheet
70Kb / 4P
Five Band Graphic Equalizer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com