Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSGEQ7 Datasheet(PDF) 4 Page - Mixed Signal Integration

Part # MSGEQ7
Description  Seven Band Graphic Equalizer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSGEQ7 Datasheet(HTML) 4 Page - Mixed Signal Integration

  MSGEQ7 Datasheet HTML 1Page - Mixed Signal Integration MSGEQ7 Datasheet HTML 2Page - Mixed Signal Integration MSGEQ7 Datasheet HTML 3Page - Mixed Signal Integration MSGEQ7 Datasheet HTML 4Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Seven Band Graphic Equalizer
Data Sheet
Typical Application______________
Multiplexor Operation
The DC peak output for measurement is se-
lected using the reset and strobe pins. Reset
high resets the multiplexor. Reset low enables
the strobe pin. After the first strobe leading
edge, 63Hz output is on OUT. Each additional
strobe leading edge advances the multiplexor
one channel (63Hz, 160Hz, 400Hz, 1kHz,
2.5kHz, 6.25kHz, 16kHz etc.) and this will re-
peat indefinitely. The multiplexor read rate is
also the output decay time control. Each read
decays that channel approximately 10%. The
strobe timing is shown below:
Web Site “www.mix-sig.com”
© 2011 Mixed Signal Integration 4
Mixed Signal Integration Corporation reserves the right to change any product or specification without notice at any time. Mixed Signal Integration
products are not designed or authorized for use in life support systems. Mixed Signal Integration assumes no responsibility for errors in this docu-
ment.
tr
trs
RESET
ts
tss
STROBE
to
OUTPUT
63 Hz
160 Hz
400 Hz
1 kHz
2.5 kHz
6.25 kHz
16 kHz
63 Hz
160 Hz
tr - Reset Pulse Width
100 nS min
trs - Reset to Strobe
Delay
72 uS min
ts - Strobe Pulse Width
18 uS min
tss - Strobe to Strobe
Delay
72 uS min
to - Output Settling Time
36 uS min
(with Cload = 22 pF and Rload = 1 Mohm)
Strobe Timing Diagram
Ordering Information___________
Part Number Package Operating Temperature
MSGEQ7N
8 Pin 150 mils SOIC
0-70
C
MSGEQ7P
8 Pin 300 mils PDIP
0-70
C
o
o


Similar Part No. - MSGEQ7

ManufacturerPart #DatasheetDescription
logo
Mixed Signal Integratio...
MSGEQ5A MSI-MSGEQ5A Datasheet
70Kb / 4P
   Five Band Graphic Equalizer
More results

Similar Description - MSGEQ7

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2062F TOSHIBA-TA2062F Datasheet
290Kb / 7P
   5 BAND GRAPHIC EQUALIZER
logo
rfsolutions.ltd
SG4 RFSOLUTIONS-SG4 Datasheet
694Kb / 2P
   10 Band Graphic Equalizer
logo
Sanyo Semicon Device
LA3607 SANYO-LA3607 Datasheet
194Kb / 6P
   7-Band Graphic Equalizer?
logo
Toshiba Semiconductor
TA7796P TOSHIBA-TA7796P Datasheet
338Kb / 8P
   5 BAND GRAPHIC EQUALIZER
logo
Sanyo Semicon Device
LA3600 SANYO-LA3600 Datasheet
169Kb / 6P
   5-Band Graphic Equalizer
LA3605 SANYO-LA3605 Datasheet
272Kb / 6P
   7 BAND GRAPHIC EQUALIZER
logo
Mixed Signal Integratio...
MSGEQ5A MSI-MSGEQ5A Datasheet
70Kb / 4P
   Five Band Graphic Equalizer
logo
Samsung semiconductor
KA2223 SAMSUNG-KA2223 Datasheet
188Kb / 4P
   5-BAND GRAPHIC EQUALIZER AMPLIFIER
logo
New Japan Radio
NJU7307 NJRC-NJU7307 Datasheet
260Kb / 9P
   11-BAND EVR FOR GRAPHIC EQUALIZER???
logo
rfsolutions.ltd
SG3 RFSOLUTIONS-SG3 Datasheet
716Kb / 2P
   77 Band Graphic Equalizer (Stereo)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com