Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSGEQ7 Datasheet(PDF) 3 Page - Mixed Signal Integration

Part # MSGEQ7
Description  Seven Band Graphic Equalizer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSGEQ7 Datasheet(HTML) 3 Page - Mixed Signal Integration

  MSGEQ7 Datasheet HTML 1Page - Mixed Signal Integration MSGEQ7 Datasheet HTML 2Page - Mixed Signal Integration MSGEQ7 Datasheet HTML 3Page - Mixed Signal Integration MSGEQ7 Datasheet HTML 4Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Seven Band Graphic Equalizer
Data Sheet
Block Diagram__________________
Pin Configuration
1. VDD
Positive Power Supply
Typically 5 Volts
2. VSS
Negative Power Supply
Typically 0 Volts
3. OUT
Multiplexed DC Output
4. STROBE
Channel Selection Pin
5. IN
Audio Input
6. GND
Internally Generated Ground
Reference.Typically 2.5V
7. RESET
Resets Multiplexor
8. CKIN
Clock Oscillator Pin
Pin Description_________________
5
VDDA
CKIN
VSSA
RESET
OUT
GND
STROBE
IN
Output
Multiplexor
400Hz
Bandpass
1kHz
Bandpass
2.5kHz
Bandpass
6.25kHz
Bandpass
16kHz
Bandpass
Peak
Detector
Peak
Detector
Peak
Detector
Peak
Detector
Peak
Detector
Clock
Oscillator
Anti-Alias
Filter
Reset
Strobe
Audio
In
CKIN
DC Out
Peak
Detector
Peak
Detector
63Hz
Bandpass
160Hz
Bandpass
Web Site “www.mix-sig.com”
© 2011 Mixed Signal Integration 3


Similar Part No. - MSGEQ7

ManufacturerPart #DatasheetDescription
logo
Mixed Signal Integratio...
MSGEQ5A MSI-MSGEQ5A Datasheet
70Kb / 4P
Five Band Graphic Equalizer
More results

Similar Description - MSGEQ7

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2062F TOSHIBA-TA2062F Datasheet
290Kb / 7P
5 BAND GRAPHIC EQUALIZER
logo
rfsolutions.ltd
SG4 RFSOLUTIONS-SG4 Datasheet
694Kb / 2P
10 Band Graphic Equalizer
logo
Sanyo Semicon Device
LA3607 SANYO-LA3607 Datasheet
194Kb / 6P
7-Band Graphic Equalizer?
logo
Toshiba Semiconductor
TA7796P TOSHIBA-TA7796P Datasheet
338Kb / 8P
5 BAND GRAPHIC EQUALIZER
logo
Sanyo Semicon Device
LA3600 SANYO-LA3600 Datasheet
169Kb / 6P
5-Band Graphic Equalizer
LA3605 SANYO-LA3605 Datasheet
272Kb / 6P
7 BAND GRAPHIC EQUALIZER
logo
Mixed Signal Integratio...
MSGEQ5A MSI-MSGEQ5A Datasheet
70Kb / 4P
Five Band Graphic Equalizer
logo
Samsung semiconductor
KA2223 SAMSUNG-KA2223 Datasheet
188Kb / 4P
5-BAND GRAPHIC EQUALIZER AMPLIFIER
logo
New Japan Radio
NJU7307 NJRC-NJU7307 Datasheet
260Kb / 9P
11-BAND EVR FOR GRAPHIC EQUALIZER???
logo
rfsolutions.ltd
SG3 RFSOLUTIONS-SG3 Datasheet
716Kb / 2P
77 Band Graphic Equalizer (Stereo)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com