Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSGEQ7 Datasheet(PDF) 2 Page - Mixed Signal Integration

Part # MSGEQ7
Description  Seven Band Graphic Equalizer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSGEQ7 Datasheet(HTML) 2 Page - Mixed Signal Integration

  MSGEQ7 Datasheet HTML 1Page - Mixed Signal Integration MSGEQ7 Datasheet HTML 2Page - Mixed Signal Integration MSGEQ7 Datasheet HTML 3Page - Mixed Signal Integration MSGEQ7 Datasheet HTML 4Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics_________
( VDD = +5.0V, T = 25 C)
Seven Band Graphic Equalizer
Data Sheet
o
Web Site “www.mix-sig.com”
© 2011 Mixed Signal Integration 2
PARAMETER
SYMBOL
CONDITIONS
MIN TYP MAX
UNITS
DC Specifications
Operating Voltage
VDD
2.7
5.0
5.5
V
Supply Current
IDD
1 Mohm Load on Output
0.5
0.8
1.0
mA
Output Drive
IO
1
mA
Output Impedance
ZO
700
ohms
Output Offset
VOS
600
mV
Band Offset Difference
Same device
200
mV
AC Specifications
Gain
AV
Peak input to DC output, Vin
= 100 mVpp, fin = 1 kHz
20
22
24
dB
Filter Q
Q
5.5
6.0
6.5
Output Swing
Vin = 0.3Vpp, fin = 1 kHz
3.5
4
V
Clock Frequency
FCLK
C = 33 pF*, R = 200 kohms 145 165
180
kHz
Input Impedance
ZIN
1
Mohm
* includes stray capacitance
Evaluation Schematic


Similar Part No. - MSGEQ7

ManufacturerPart #DatasheetDescription
logo
Mixed Signal Integratio...
MSGEQ5A MSI-MSGEQ5A Datasheet
70Kb / 4P
   Five Band Graphic Equalizer
More results

Similar Description - MSGEQ7

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2062F TOSHIBA-TA2062F Datasheet
290Kb / 7P
   5 BAND GRAPHIC EQUALIZER
logo
rfsolutions.ltd
SG4 RFSOLUTIONS-SG4 Datasheet
694Kb / 2P
   10 Band Graphic Equalizer
logo
Sanyo Semicon Device
LA3607 SANYO-LA3607 Datasheet
194Kb / 6P
   7-Band Graphic Equalizer?
logo
Toshiba Semiconductor
TA7796P TOSHIBA-TA7796P Datasheet
338Kb / 8P
   5 BAND GRAPHIC EQUALIZER
logo
Sanyo Semicon Device
LA3600 SANYO-LA3600 Datasheet
169Kb / 6P
   5-Band Graphic Equalizer
LA3605 SANYO-LA3605 Datasheet
272Kb / 6P
   7 BAND GRAPHIC EQUALIZER
logo
Mixed Signal Integratio...
MSGEQ5A MSI-MSGEQ5A Datasheet
70Kb / 4P
   Five Band Graphic Equalizer
logo
Samsung semiconductor
KA2223 SAMSUNG-KA2223 Datasheet
188Kb / 4P
   5-BAND GRAPHIC EQUALIZER AMPLIFIER
logo
New Japan Radio
NJU7307 NJRC-NJU7307 Datasheet
260Kb / 9P
   11-BAND EVR FOR GRAPHIC EQUALIZER???
logo
rfsolutions.ltd
SG3 RFSOLUTIONS-SG3 Datasheet
716Kb / 2P
   77 Band Graphic Equalizer (Stereo)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com