Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB817C Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SB817C
Description  140V / 12A, AF 80W Output Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SB817C Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SB817C Datasheet HTML 1Page - Sanyo Semicon Device 2SB817C Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2SB817C/2SD1047C
No.0000-2/2
Specifications of any and all SANYO products described or contained herein stipulate the performance,
characteristics, and functions of the described products in the independent state, and are not guarantees
of the performance, characteristics, and functions of the described products as mounted in the customer's
products or equipment. To verify symptoms and states that cannot be evaluated in an independent device,
the customer should always evaluate and test devices mounted in the customer's products or equipment.
SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all
semiconductor products fail with some probability. It is possible that these probabilistic failures could
give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire,
or that could cause damage to other property. When designing equipment, adopt safety measures so
that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective
circuits and error prevention circuits for safe design, redundant design, and structural design.
In the event that any or all SANYO products(including technical data,services) described or
contained herein are controlled under any of applicable local export control laws and regulations,
such products must not be expor ted without obtaining the expor t license from the author ities
concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system,
or otherwise, without the prior written permission of SANYO Electric Co., Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification"
for the SANYO product that you intend to use.
Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not
guaranteed for volume production. SANYO believes information herein is accurate and reliable, but
no guarantees are made or implied regarding its use or any infringements of intellectual property rights
or other rights of third parties.
This catalog provides information as of June, 2001. Specifications and information herein are subject
to change without notice.
PS
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Gain-Bandwidth Product
fT
VCE=(--)5V, IC=(--)1A
(10)15
MHz
Output Capacitance
Cob
VCB=(--)10V, f=1MHz
(280)140
pF
Base-to-Emitter Voltage
VBE
VCE=(--)5A, IC=(--)5A
1.5
V
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=(--)5A, IB=(--)0.5A
(-- 0.3)0.2
(--)2.0
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=(--)5mA, IE=0
(--)160
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=(--)50mA, RBE=∞
(--)140
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=(--)5mA, IC=0
(--)6
V
Turn-On Time
ton
See specified Test Circuit.
(0.45)0.56
µs
Storage Time
tstg
See specified Test Circuit.
(1.75)3.3
µs
Fall Time
tf
See specified Test Circuit.
(0.25)0.4
µs
Switching Time Test Circuit
VR
RB
VCC=50V
VBE= --2V
+
+
50Ω
INPUT
OUTPUT
RL=
10Ω
100µF
470µF
PW=20µs
IB1
D.C.≤1%
IB2
IC=10IB1= --10IB2=5A
For PNP, the polarity is reversed.


Similar Part No. - 2SB817C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SB817C ONSEMI-2SB817C Datasheet
80Kb / 4P
   Bipolar Transistor -140V, -12A, Low VCE(sat) PNP TO-3P-3L
January, 2014
logo
Inchange Semiconductor ...
2SB817C ISC-2SB817C Datasheet
264Kb / 2P
   Silicon PNP Power Transistor
logo
ON Semiconductor
2SB817C-1E ONSEMI-2SB817C-1E Datasheet
80Kb / 4P
   Bipolar Transistor -140V, -12A, Low VCE(sat) PNP TO-3P-3L
January, 2014
More results

Similar Description - 2SB817C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD2639 SANYO-2SD2639 Datasheet
29Kb / 4P
   140V / 12A, AF 60W Output Applications
2SD1047 SANYO-2SD1047 Datasheet
127Kb / 4P
   140V/12A AF 60W Output Applications
2SB817 SANYO-2SB817 Datasheet
116Kb / 4P
   140V/12A, AF 60W Output Applications??????
2SA2062 SANYO-2SA2062 Datasheet
34Kb / 4P
   140V / 10A, AF70W Output Applications
logo
Mospec Semiconductor
2SD1047 MOSPEC-2SD1047 Datasheet
130Kb / 3P
   POWER TRANSISTORS(12A,140V,100W)
2SB817 MOSPEC-2SB817 Datasheet
123Kb / 3P
   POWER TRANSISTORS(12A,140V,100W)
BDW93 MOSPEC-BDW93 Datasheet
183Kb / 4P
   POWER TRANSISTORS(12A,45-100V,80W)
logo
Sanyo Semicon Device
2SB776 SANYO-2SB776_V01 Datasheet
128Kb / 4P
   100V/7A, AF 40W Output Applications
2SB775 SANYO-2SB775 Datasheet
95Kb / 3P
   85V/6A, AF 35W Output Applications???
2SB776 SANYO-2SB776 Datasheet
116Kb / 4P
   100V/7A, AF 40W Output Applications????
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com