Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB817C Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SB817C
Description  140V / 12A, AF 80W Output Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SB817C Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SB817C Datasheet HTML 1Page - Sanyo Semicon Device 2SB817C Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2SB817C/2SD1047C
No.0000-1/2
Features
Large current capacitance.
Wide ASO and high durability against breakdown.
Adoption of MBIT process.
Specifications
( ) : 2SB817C
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--)160
V
Collector-to-Emitter Voltage
VCEO
(--)140
V
Emitter-to-Base Voltage
VEBO
(--)6
V
Collector Current
IC
(--)12
A
Collector Current (Pulse)
ICP
(--)20
A
Collector Dissipation
PC
2.5
W
Tc=25°C
120
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=(--)160V, IE=0
(--)0.1
mA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0
(--)0.1
mA
DC Current Gain
hFE1VCE=(--)5V, IC=(--)1A
100
200
hFE2VCE=(--)5V, IC=(--)5A
35
Continued on next page.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN6987
2SB817C/2SD1047C
140V / 12A, AF 80W Output Applications
HD 030710DA SAWADA
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
PNP Epitaxial Planar Silicon Transistor
NPN Triple Diffused Planar Silicon Transistor
Package Dimensions
unit : mm
2022A
[2SB817C/2SD1047C]
1 : Base
2 : Collector
3 : Emitter
SANYO : TO-3PB
15.6
14.0
1.6
1.0
2.0
0.6
3.2
4.8
2.0
0.6
5.45
5.45
1
2
3


Similar Part No. - 2SB817C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SB817C ONSEMI-2SB817C Datasheet
80Kb / 4P
   Bipolar Transistor -140V, -12A, Low VCE(sat) PNP TO-3P-3L
January, 2014
logo
Inchange Semiconductor ...
2SB817C ISC-2SB817C Datasheet
264Kb / 2P
   Silicon PNP Power Transistor
logo
ON Semiconductor
2SB817C-1E ONSEMI-2SB817C-1E Datasheet
80Kb / 4P
   Bipolar Transistor -140V, -12A, Low VCE(sat) PNP TO-3P-3L
January, 2014
More results

Similar Description - 2SB817C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD2639 SANYO-2SD2639 Datasheet
29Kb / 4P
   140V / 12A, AF 60W Output Applications
2SD1047 SANYO-2SD1047 Datasheet
127Kb / 4P
   140V/12A AF 60W Output Applications
2SB817 SANYO-2SB817 Datasheet
116Kb / 4P
   140V/12A, AF 60W Output Applications??????
2SA2062 SANYO-2SA2062 Datasheet
34Kb / 4P
   140V / 10A, AF70W Output Applications
logo
Mospec Semiconductor
2SD1047 MOSPEC-2SD1047 Datasheet
130Kb / 3P
   POWER TRANSISTORS(12A,140V,100W)
2SB817 MOSPEC-2SB817 Datasheet
123Kb / 3P
   POWER TRANSISTORS(12A,140V,100W)
BDW93 MOSPEC-BDW93 Datasheet
183Kb / 4P
   POWER TRANSISTORS(12A,45-100V,80W)
logo
Sanyo Semicon Device
2SB776 SANYO-2SB776_V01 Datasheet
128Kb / 4P
   100V/7A, AF 40W Output Applications
2SB775 SANYO-2SB775 Datasheet
95Kb / 3P
   85V/6A, AF 35W Output Applications???
2SB776 SANYO-2SB776 Datasheet
116Kb / 4P
   100V/7A, AF 40W Output Applications????
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com