Electronic Components Datasheet Search |
|
BK3231S Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers |
|
|
BK3231S Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers |
7 / 24 page BK3231S Datasheet V1.5 © 2015 Beken Corporation Proprietary and Confidential Page 7 of 24 1.3 Features Bluetooth® SIG Bluetooth Dual-Mode compliant Bluetooth 3.0 Basic Rate (BR) Bluetooth 4.0 Low Energy (BLE) ARM968 Core MCU integrated External Flash up-to-4Mbytes for Program and 24KB RAM for Data Low-power 2.4GHz Transceiver Operation voltage from 1.8V to 3.6 V -89 dBm sensitivity at 1 Mbps data rate and +4dBm transmit power for BLE application -86dBm sensitivity for 1 Mbps mode and 2 dBm transmit power for BR application External power-amplifier supporting Clock 16 MHz crystal reference clock 96MHz optional clock provided by internal DPLL Internal 32kHz low-power oscillator with auto-calibration (±200ppm) External 32kHz crystal oscillator as optional low-power clock source Interface and peripheral units FLASH programming, JTAG, Dual I2Cs, SPI and UART interface Integrated OTP for customization On-chip high accurate temperature sensor On-chip 7-channel 10bit general ADC 6-outputs PWM 4-outputs 3D Glasses shutter Real-time counter Package Type 56-pin QFN 7mmx7mm package 32-pin QFN 4mmx4mm package 1.4 Application Wireless Self-Timer Wireless Keyboards |
Similar Part No. - BK3231S |
|
Similar Description - BK3231S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |