Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BK3231S Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # BK3231S
Description  Bluetooth SoC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BK3231S Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button BK3231S Datasheet HTML 2Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 3Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 4Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 5Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 6Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 7Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 8Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 9Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
BK3231S Datasheet
V1.5
© 2015 Beken Corporation
Proprietary and Confidential
Page 6 of 24
1 General Description
1.1 Overview
The BK3231S chip is a highly integrated SoC, and it supports two wireless protocols,
which are Blueetooth Basic Rate (BR), and Bluetooth Low Energy (BLE).
It
integrates a high-performance 2.4GHz RF transceiver, rich features baseband,
ARM-core MCU and various peripheral IOs. It uses up-to-4Mbit external Flash to
excute the programmable protocol and profile to support customized applications
such as HID, Bluetooth 3D Glasses shutter, Remote controllers.
1.2 Block Diagram
MCU
ARM968E-S
Data Memory
(24 KB)
16 KB Program
Cache
16 MHz external Crystal
32 KHz external Crystal
DPLL
(96 MHz)
Power
Managerment
Bluetooth
Baseband
JTAG
32KHz Clock
Reset
2.4 GHz Radio
BIST
Timer
OTP
(32 Byte)
Flash Controller
AHB2APB
ICU
WDT
ADC
UART
PWM
SPI
I2C
3DS
GPIO
RTC
APB
AHB
32 KHz on-chip ROSC
16MHz Clock
16 MHz DPLL
Figure 1 Block Diagram


Similar Part No. - BK3231S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BK3231 ETC2-BK3231 Datasheet
150Kb / 12P
   Bluetooth HID SoC
BK3231Q ETC2-BK3231Q Datasheet
150Kb / 12P
   Bluetooth HID SoC
More results

Similar Description - BK3231S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BK3231 ETC2-BK3231 Datasheet
150Kb / 12P
   Bluetooth HID SoC
logo
Beken Corporation
BK3254 BEKEN-BK3254 Datasheet
422Kb / 17P
   Bluetooth Multimedia SoC
0.5 2016/07/01
BK3266 BEKEN-BK3266 Datasheet
483Kb / 28P
   Bluetooth Audio SoC
0.5 11/Apr/2018
logo
List of Unclassifed Man...
BK8000L ETC2-BK8000L Datasheet
334Kb / 15P
   Bluetooth Audio SoC
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
logo
Renesas Technology Corp
DA14530 RENESAS-DA14530 Datasheet
4Mb / 333P
   Low Power Bluetooth 5.1 SoC
21-Dec-2021
logo
Cypress Semiconductor
CYW20707 CYPRESS-CYW20707 Datasheet
743Kb / 51P
   Bluetooth SoC for Embedded Wireless Devices
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
logo
Renesas Technology Corp
DA14681 RENESAS-DA14681 Datasheet
5Mb / 445P
   Bluetooth Low Energy 4.2 SoC FINAL
13-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com