Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BK3231S Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # BK3231S
Description  Bluetooth SoC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BK3231S Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button BK3231S Datasheet HTML 16Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 17Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 18Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 19Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 20Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 21Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 22Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 23Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 24Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
BK3231S Datasheet
V1.5
© 2015 Beken Corporation
Proprietary and Confidential
Page 20 of 24
In slave mode, the data on MOSI are sampled at the middle of period of every bit.
In master mode, the data on MISO are sampled at the last clock period to
acquire the maximal setup time.
3.8 PWM Timer
There are three timers, two of which is 16 bit and can be works as PWM waveform
generator, while the other one is 20bit timer. The PWM waveform can be output to GPIO
to drive external device such as LED.
3.9 Watch dog
The watch dog is used to reset the whole chip when the firmware runs out of order.
4 Electrical Specifications
4.1 General Specification
Table 4 General Characteristics
Name
Parameter (Condition)
Min
Typi
cal
Max
Unit
Com
ment
Operating Condition
VCC
Voltage
1.8
3.0
3.6
V
TEMP
Temperature
-20
+27
+80
ºC
Digital input Pin
VIH
High level
VCC-0.3
VCC+0.3
V
VIL
Low level
VSS
VSS+0.3
V
Digital output Pin
VOH
High level (IOH=-0.25mA)
VCC- 0.3
VCC
V
VOL
Low level(IOL=0.25mA)
VSS
VSS+0.3
V
4.2 BLE mode
Table 5 BLE mode RF Characteristics
Name
Parameter (Condition)
Min
Typi
cal
Max
Unit
Com
ment
Normal condition
IVDD
Deep sleep
TBD
uA
IVDD
Active RX
TBD
mA
IVDD
Active TX @ 2 dBm output power
TBD
mA
Transmitter
PRF
Output power
4
5
dBm
PBW
Modulation 20 dB bandwidth
1
MHz
Receiver
Max Input
1 E-3 BER
0
dBm
RXSENS
1 E-3 BER sensitivity
-89
dBm
IIP3
IIP3, Pin=-63 dBm; Punwant=-39
dBm; f0=2f1-f2, f2-f1=3 MHz or 4
MHz or 5 MHz
TBD
dBm


Similar Part No. - BK3231S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BK3231 ETC2-BK3231 Datasheet
150Kb / 12P
Bluetooth HID SoC
BK3231Q ETC2-BK3231Q Datasheet
150Kb / 12P
Bluetooth HID SoC
More results

Similar Description - BK3231S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BK3231 ETC2-BK3231 Datasheet
150Kb / 12P
Bluetooth HID SoC
logo
Beken Corporation
BK3254 BEKEN-BK3254 Datasheet
422Kb / 17P
Bluetooth Multimedia SoC
0.5 2016/07/01
BK3266 BEKEN-BK3266 Datasheet
483Kb / 28P
Bluetooth Audio SoC
0.5 11/Apr/2018
logo
List of Unclassifed Man...
BK8000L ETC2-BK8000L Datasheet
334Kb / 15P
Bluetooth Audio SoC
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
Bluetooth Low Energy 4.2 SoC
logo
Renesas Technology Corp
DA14530 RENESAS-DA14530 Datasheet
4Mb / 333P
Low Power Bluetooth 5.1 SoC
21-Dec-2021
logo
Cypress Semiconductor
CYW20707 CYPRESS-CYW20707 Datasheet
743Kb / 51P
Bluetooth SoC for Embedded Wireless Devices
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
logo
Renesas Technology Corp
DA14681 RENESAS-DA14681 Datasheet
5Mb / 445P
Bluetooth Low Energy 4.2 SoC FINAL
13-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com