Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BK3231S Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # BK3231S
Description  Bluetooth SoC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BK3231S Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button BK3231S Datasheet HTML 15Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 16Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 17Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 18Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 19Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 20Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 21Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 22Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
BK3231S Datasheet
V1.5
© 2015 Beken Corporation
Proprietary and Confidential
Page 19 of 24
The I2C interface may operate as a master and/or slave, and may function on a
bus with multiple masters. The I2C provides control of SDA (serial data), SCL
(serial clock) generation and synchronization, arbitration logic, and START/STOP
control and generation.
It is assumed the reader is familiar with the I2C-Bus Specification -- Version 2.0
and system Management Bus Specification -- Version 1.1.
The bi-directional SCL (serial clock) and SDA (serial data) lines must be
connected to a positive power supply voltage through a pull-up resistor or similar
circuit. Every device connected to the bus must have an open-drain or open-
collector output for both the SCL and SDA lines, so that both are pulled high
(recessive state) when the bus is free.
3.7 SPI
The Enhanced Serial Peripheral Interface (SPI) provides access to a flexible, full-
duplex synchronous serial bus. SPI can operate as a master or slave device in
both 3-wire or 4-wire modes, and supports multiple masters and slaves on a
single SPI bus. The slave-select (NSS) signal can be configured as an input to
select SPI in slave mode, or to disable Master Mode operation in a multi-master
environment, avoiding contention on the SPI bus when more than one master
attempts simultaneous data transfers. NSS can also be configured as a chip-
select output in master mode, or disabled for 3-wire operation. Additional general
purpose port I/O pins can be used to select multiple slaves.
There are four pins for SPI interface. The master-out, slave-in (MOSI) signal is
an output from a master device and an input to slave devices. It is used to
serially transfer data from the master to the slave. This signal is an output when
SPI is operating as a master and an input when SPI is operating as a slave. Data
is transferred most-significant bit first. When configured as a master, MOSI is
driven by the MSB of the shift register in both 3- and 4-wire mode.
The master-in, slave-out (MISO) signal is an output from a slave device and an
input to the master device. It is used to serially transfer data from the slave to the
master. This signal is an input when SPI is operating as a master and an output
when SPI is operating as a slave. Data is transferred most-significant bit first.
The MISO pin is placed in a high-impedance state when the SPI module is
disabled and when the SPI operates in 4-wire mode as a slave that is not
selected. When acting as a slave in 3-wire mode, MISO is always driven by the
MSB of the shift register.


Similar Part No. - BK3231S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BK3231 ETC2-BK3231 Datasheet
150Kb / 12P
Bluetooth HID SoC
BK3231Q ETC2-BK3231Q Datasheet
150Kb / 12P
Bluetooth HID SoC
More results

Similar Description - BK3231S

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
Bluetooth Low Energy 4.2 SoC
logo
Cypress Semiconductor
CYW20707 CYPRESS-CYW20707 Datasheet
743Kb / 51P
Bluetooth SoC for Embedded Wireless Devices
logo
List of Unclassifed Man...
BK3231 ETC2-BK3231 Datasheet
150Kb / 12P
Bluetooth HID SoC
BK8000L ETC2-BK8000L Datasheet
334Kb / 15P
Bluetooth Audio SoC
logo
Dialog Semiconductor
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
Bluetooth Low Energy 4.2 SoC
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
logo
Renesas Technology Corp
DA14681 RENESAS-DA14681 Datasheet
5Mb / 445P
Bluetooth Low Energy 4.2 SoC FINAL
13-Jan-2022
DA14530 RENESAS-DA14530 Datasheet
4Mb / 333P
Low Power Bluetooth 5.1 SoC
21-Dec-2021
logo
Beken Corporation
BK3254 BEKEN-BK3254 Datasheet
422Kb / 17P
Bluetooth Multimedia SoC
0.5 2016/07/01
BK3266 BEKEN-BK3266 Datasheet
483Kb / 28P
Bluetooth Audio SoC
0.5 11/Apr/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com