Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BK3231S Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # BK3231S
Description  Bluetooth SoC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BK3231S Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button BK3231S Datasheet HTML 14Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 15Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 16Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 17Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 18Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 19Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 20Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 21Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
BK3231S Datasheet
V1.5
© 2015 Beken Corporation
Proprietary and Confidential
Page 18 of 24
The local interrupt flag of ADC need not be cleared by software; it will be set after
transform and be cleared after the result has been read out. But the ADC
INTstored ICU should be cleared after the ADC INT service finished.
The range of input voltage is from 0v to 1.5V. If the input voltage more than 1.5V,
a resistor can be added to decrease the input voltage like the next diagram.
PA
D
ADC
Test_point
BK3231
100k
On/off
R1
R2
Note: There are eight GPIO can be ADC input. When used as this:
Voltage=data [9:0]/448; the saturate voltage is 1.5 volt.
3.5 UART
The UART interface has 128 bytes FIFO for both TX and RX. It will generate
interrupt request when there is risk or event of FIFO underflow or overflow. For
the RX, it will generate interrupt if found parity bit check error or stop bit check
error.
When the UART RX line goes from idle state (‘HIGH’) to active state (‘LOW’) for
a set UART clock cycle, it will generate wake up interrupt to activate MCU clock.
3.6 I2C-SMBus
The I2C I/O interface is a two-wire, bi-directional serial bus. The I2C is compliant
with the System Management Bus Specification, version 1.1, and compatible with
the I C serial bus. Reads and writes to the interface by the system controller are
byte oriented with the I2C interface autonomously controlling the serial transfer of
the data.
Data can be transferred at up to 1/10th of the system clock as a master or slave
(this can be faster than allowed by the I2C specification, depending on the
system clock used). A method of extending the clock-low duration is available to
accommodate devices with different speed capabilities on the same bus.


Similar Part No. - BK3231S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BK3231 ETC2-BK3231 Datasheet
150Kb / 12P
Bluetooth HID SoC
BK3231Q ETC2-BK3231Q Datasheet
150Kb / 12P
Bluetooth HID SoC
More results

Similar Description - BK3231S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BK3231 ETC2-BK3231 Datasheet
150Kb / 12P
Bluetooth HID SoC
logo
Beken Corporation
BK3254 BEKEN-BK3254 Datasheet
422Kb / 17P
Bluetooth Multimedia SoC
0.5 2016/07/01
BK3266 BEKEN-BK3266 Datasheet
483Kb / 28P
Bluetooth Audio SoC
0.5 11/Apr/2018
logo
List of Unclassifed Man...
BK8000L ETC2-BK8000L Datasheet
334Kb / 15P
Bluetooth Audio SoC
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
Bluetooth Low Energy 4.2 SoC
logo
Renesas Technology Corp
DA14530 RENESAS-DA14530 Datasheet
4Mb / 333P
Low Power Bluetooth 5.1 SoC
21-Dec-2021
logo
Cypress Semiconductor
CYW20707 CYPRESS-CYW20707 Datasheet
743Kb / 51P
Bluetooth SoC for Embedded Wireless Devices
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
logo
Renesas Technology Corp
DA14681 RENESAS-DA14681 Datasheet
5Mb / 445P
Bluetooth Low Energy 4.2 SoC FINAL
13-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com