Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BK3231S Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # BK3231S
Description  Bluetooth SoC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BK3231S Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button BK3231S Datasheet HTML 13Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 14Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 15Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 16Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 17Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 18Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 19Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 20Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
BK3231S Datasheet
V1.5
© 2015 Beken Corporation
Proprietary and Confidential
Page 17 of 24
3.2 Interrupt and Clock Unit
The MCU core clock can be selected from three clock sources: 32KHz clock, 16
MHz clock and 96 MHz DPLL.
The ARM968E-S supports two interrupt level. The FIRQ has higher priority than
nIRQ. In the BK3231S, all peripheral interrupts are nIRQ except the Bluetooth
transceiver. All interrupt can be enabled, disabled, and cleared. There are two
low power modes: MCU stop and deep sleep, and any interrupt can be
configured to be a wake up source to let MCU exit low power mode.
3.3 GPIO
There are totally 40 general purpose input/output ports (GPIO). All the 40 ports
can be used for general I/O with selectable direction for each bit, or these lines
can be used for specialized functions.
3.4 ADC
An 8bits SAR-ADC is integrated in the BK3231S. Total 8 channels can be
selected used for ADC transfer. The ADC supports continue mode and single
transfer mode, and the sample rate can be 1 KHz to 32KHz. In single transfer
mode, it will generate interrupt every time after transform.
The ADC has four work modes they are sleep mode, single mode, and software
mode and continue mode.
IDLE mode(mode==00): ADC is in idle state.
Single mode(mode==01): The ADC will enter idle mode when transfer is done
and waiting MCU to read the result. You should write mode=1 again for another
transfer.
Controlled by software (mode==10): In this mode, interrupt will be triggered after
transfer and wait MCU to read. The interrupt will be cleared after MCU read, and
then the transfer will start again.
Continue mode(mode==11):The ADC will work at the sample rate set by register.
The sample rate can be calculated by the next formula:
F_sample = input ADC clock/(2^(ADC_CLK_RATE+2) / 36(or 18))
The highest sample rate is 32k


Similar Part No. - BK3231S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BK3231 ETC2-BK3231 Datasheet
150Kb / 12P
   Bluetooth HID SoC
BK3231Q ETC2-BK3231Q Datasheet
150Kb / 12P
   Bluetooth HID SoC
More results

Similar Description - BK3231S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BK3231 ETC2-BK3231 Datasheet
150Kb / 12P
   Bluetooth HID SoC
logo
Beken Corporation
BK3254 BEKEN-BK3254 Datasheet
422Kb / 17P
   Bluetooth Multimedia SoC
0.5 2016/07/01
BK3266 BEKEN-BK3266 Datasheet
483Kb / 28P
   Bluetooth Audio SoC
0.5 11/Apr/2018
logo
List of Unclassifed Man...
BK8000L ETC2-BK8000L Datasheet
334Kb / 15P
   Bluetooth Audio SoC
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
logo
Renesas Technology Corp
DA14530 RENESAS-DA14530 Datasheet
4Mb / 333P
   Low Power Bluetooth 5.1 SoC
21-Dec-2021
logo
Cypress Semiconductor
CYW20707 CYPRESS-CYW20707 Datasheet
743Kb / 51P
   Bluetooth SoC for Embedded Wireless Devices
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
logo
Renesas Technology Corp
DA14681 RENESAS-DA14681 Datasheet
5Mb / 445P
   Bluetooth Low Energy 4.2 SoC FINAL
13-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com