Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BK3231S Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # BK3231S
Description  Bluetooth SoC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BK3231S Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button BK3231S Datasheet HTML 12Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 13Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 14Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 15Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 16Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 17Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 18Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 19Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
BK3231S Datasheet
V1.5
© 2015 Beken Corporation
Proprietary and Confidential
Page 16 of 24
3 Function Description
3.1 Memory Address Mapping
Table 3 The Memory Mapping
Start Address
End Address
Total (Bytes)
Program Memory
Flash space
0x00000000
0x0003FFFF
4M maximum
Data Memory
SRAM
0x00400000
0x00405FFF
24K
AHB Peripheral
ICU
0x00800000
0x0080FFFF
64K
BK24_BB
0x00810000
0x0081FFFF
64K
FLASH CONTROL
0x00820000
0x0082FFFF
64K
AHB2APB
0x00F00000
0x00FFFFFF
1M
APB Peripheral
WDT
0x00F00000
0x00F000FF
256B
PWM
0x00F00100
0x00F001FF
256B
SPI
0x00F00200
0x00F002FF
256B
UART
0x00F00300
0x00F003FF
256B
I2C0
0x00F00400
0x00F004FF
256B
GPIO
0x00F00500
0x00F005FF
256B
RTC
0x00F00600
0x00F006FF
256B
ADC
0x00F00700
0x00F007FF
256B
BT 3DS
0x00F00800
0x00F008FF
256B
I2C1
0x00F00900
0x00F009FF
256B
Timer
0x00F00A00
0x00F00AFF
256B
XVR
0x00F10000
0x00F1FFFF
64K
CEVA DM IP
0x00F20000
0x00F2FFFF
64K


Similar Part No. - BK3231S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BK3231 ETC2-BK3231 Datasheet
150Kb / 12P
   Bluetooth HID SoC
BK3231Q ETC2-BK3231Q Datasheet
150Kb / 12P
   Bluetooth HID SoC
More results

Similar Description - BK3231S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BK3231 ETC2-BK3231 Datasheet
150Kb / 12P
   Bluetooth HID SoC
logo
Beken Corporation
BK3254 BEKEN-BK3254 Datasheet
422Kb / 17P
   Bluetooth Multimedia SoC
0.5 2016/07/01
BK3266 BEKEN-BK3266 Datasheet
483Kb / 28P
   Bluetooth Audio SoC
0.5 11/Apr/2018
logo
List of Unclassifed Man...
BK8000L ETC2-BK8000L Datasheet
334Kb / 15P
   Bluetooth Audio SoC
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
logo
Renesas Technology Corp
DA14530 RENESAS-DA14530 Datasheet
4Mb / 333P
   Low Power Bluetooth 5.1 SoC
21-Dec-2021
logo
Cypress Semiconductor
CYW20707 CYPRESS-CYW20707 Datasheet
743Kb / 51P
   Bluetooth SoC for Embedded Wireless Devices
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
logo
Renesas Technology Corp
DA14681 RENESAS-DA14681 Datasheet
5Mb / 445P
   Bluetooth Low Energy 4.2 SoC FINAL
13-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com