Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BK3231S Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # BK3231S
Description  Bluetooth SoC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BK3231S Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button BK3231S Datasheet HTML 10Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 11Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 12Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 13Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 14Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 15Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 16Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 17Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
BK3231S Datasheet
V1.5
© 2015 Beken Corporation
Proprietary and Confidential
Page 14 of 24
The pin assignment for QFN32 package(SIP with flash) is shown in Figure 4
1
7
6
5
4
3
2
8
17
23
22
21
20
19
18
24
BK3231S
QFN
4mmx4mm 32-Pin
ANT
VCCMCU
VDDSPI
P36
P35
VCCRF
TSTEN
boost_cp1
P37
voutboost
boost_cp2
P00
P01
P14
P30
VDDPA15
Figure 4 BK3231S QFN32Pin Assignment(SIP with flash)
Table 3 BK3231S QFN32 Pin Description(SIP with flash)
NO
Name
Description
1
P35
General I/O,or input of ADC1
2
P36
General I/O,or input of ADC1
3
VDDSPI
The output of digital LDO
4
VCCMCU
3V power supply
5
boost_cp1
Boost function PIN.
Add 100nF cap between boost_cp1 and boost_cp2
6
boost_cp2
Boost function PIN.
Add 100nF cap between boost_cp1 and boost_cp2
7
voutboost
The output of boost
8
P37
General I/O
,or input of ADC1
9
P31
General I/O
,or input of ADC1
10
P32
General I/O
,or input of ADC2
11
P20
General I/O, or UART TX


Similar Part No. - BK3231S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BK3231 ETC2-BK3231 Datasheet
150Kb / 12P
   Bluetooth HID SoC
BK3231Q ETC2-BK3231Q Datasheet
150Kb / 12P
   Bluetooth HID SoC
More results

Similar Description - BK3231S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BK3231 ETC2-BK3231 Datasheet
150Kb / 12P
   Bluetooth HID SoC
logo
Beken Corporation
BK3254 BEKEN-BK3254 Datasheet
422Kb / 17P
   Bluetooth Multimedia SoC
0.5 2016/07/01
BK3266 BEKEN-BK3266 Datasheet
483Kb / 28P
   Bluetooth Audio SoC
0.5 11/Apr/2018
logo
List of Unclassifed Man...
BK8000L ETC2-BK8000L Datasheet
334Kb / 15P
   Bluetooth Audio SoC
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
logo
Renesas Technology Corp
DA14530 RENESAS-DA14530 Datasheet
4Mb / 333P
   Low Power Bluetooth 5.1 SoC
21-Dec-2021
logo
Cypress Semiconductor
CYW20707 CYPRESS-CYW20707 Datasheet
743Kb / 51P
   Bluetooth SoC for Embedded Wireless Devices
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
logo
Renesas Technology Corp
DA14681 RENESAS-DA14681 Datasheet
5Mb / 445P
   Bluetooth Low Energy 4.2 SoC FINAL
13-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com