Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BK3231S Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # BK3231S
Description  Bluetooth SoC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BK3231S Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button BK3231S Datasheet HTML 9Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 10Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 11Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 12Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 13Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 14Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 15Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 16Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
BK3231S Datasheet
V1.5
© 2015 Beken Corporation
Proprietary and Confidential
Page 13 of 24
Table 2 BK3231S QFN32 Pin Description
NO
Name
Description
1
XTAL32K
The input of 32K crystal oscillator
2
VDDSPI
The output of digital LDO
3
VCCMCU
3V power supply
4
boost_cp1
Boost function PIN.
Add 100nF cap between boost_cp1 and boost_cp2
5
boost_cp2
Boost function PIN.
Add 100nF cap between boost_cp1 and boost_cp2
6
voutboost
The output of boost
7
VPP
The 6V power supply of OTP,it can be used when download
8
P31
General I/O
,or input of ADC1
9
P32
General I/O
,or input of ADC2
10
FLS_SI
The function PIN of flash
11
FLS_SCK
The function PIN of flash
12
FLS_HOLD
The function PIN of flash
13
P20
General I/O, or UART TX
14
P23
General I/O
,or data I/O for I2C0
15
P22
General I/O
,or clock for I2C0
16
P21
General I/O, or UART RX
17
P14
General I/O
,or enable for PWM4
18
P30
General I/O
,or input of ADC0
19
P01
General I/O, or 3DS_PWM[1]
20
P00
General I/O, or 3DS_PWM[0]
21
TSTEN
Enable the testting function of memory
22
VCCRF
3V power supply
23
ANT
The input of RF
24
VDDPA15
The output of PA ldo
25
VCCIF
3V power supply
26
ADCVREF
The output of reference voltage of ADC.
It can be connected to a cap on the board
27
VCCXTAL
3V power supply
28
XTALI
The input of 16M crystal oscillator
29
XTALO
The input of 16M crystal oscillator
30
FLS_CSN
The function PIN of flash
31
FLS_SO
The function PIN of flash
32
FLS_WP
The function PIN of flash


Similar Part No. - BK3231S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BK3231 ETC2-BK3231 Datasheet
150Kb / 12P
Bluetooth HID SoC
BK3231Q ETC2-BK3231Q Datasheet
150Kb / 12P
Bluetooth HID SoC
More results

Similar Description - BK3231S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BK3231 ETC2-BK3231 Datasheet
150Kb / 12P
Bluetooth HID SoC
logo
Beken Corporation
BK3254 BEKEN-BK3254 Datasheet
422Kb / 17P
Bluetooth Multimedia SoC
0.5 2016/07/01
BK3266 BEKEN-BK3266 Datasheet
483Kb / 28P
Bluetooth Audio SoC
0.5 11/Apr/2018
logo
List of Unclassifed Man...
BK8000L ETC2-BK8000L Datasheet
334Kb / 15P
Bluetooth Audio SoC
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
Bluetooth Low Energy 4.2 SoC
logo
Renesas Technology Corp
DA14530 RENESAS-DA14530 Datasheet
4Mb / 333P
Low Power Bluetooth 5.1 SoC
21-Dec-2021
logo
Cypress Semiconductor
CYW20707 CYPRESS-CYW20707 Datasheet
743Kb / 51P
Bluetooth SoC for Embedded Wireless Devices
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
logo
Renesas Technology Corp
DA14681 RENESAS-DA14681 Datasheet
5Mb / 445P
Bluetooth Low Energy 4.2 SoC FINAL
13-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com