Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BK3231S Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # BK3231S
Description  Bluetooth SoC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BK3231S Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button BK3231S Datasheet HTML 7Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 8Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 9Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 10Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 11Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 12Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 13Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 14Page - List of Unclassifed Manufacturers BK3231S Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
BK3231S Datasheet
V1.5
© 2015 Beken Corporation
Proprietary and Confidential
Page 11 of 24
38
P24
General I/O,or enable for TIMER0
39
TSTEN
Enable the testting function of memory
40
VCCRF
3V power supply
41
ANT
The
input of RF
42
VDDPA15
The
output of PA ldo
43
VCCIF
3V power supply
44
ADCVREF
The
output of reference voltage of ADC,it can be connected
to a cap on the board
45
P21
General I/O, or UART RX
46
P22
General I/O,or clock for I2C0
47
P23
General I/O,or data I/O for I2C0
48
VCCXTAL
3V power supply
49
XTALI
The
input of 16M crystal oscillator
50
XTALO
The
input of 16M crystal oscillator
51
FLS_CSN
The
function PIN of flash
52
FLS_SO
The
function PIN of flash
53
FLS_WP
The
function PIN of flash
54
P17
General I/O,or data I/O for I2C1
55
P05
General I/O, or MOSI for SPI
56
XTAL32K
The
input of 32K crystal oscillator


Similar Part No. - BK3231S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BK3231 ETC2-BK3231 Datasheet
150Kb / 12P
   Bluetooth HID SoC
BK3231Q ETC2-BK3231Q Datasheet
150Kb / 12P
   Bluetooth HID SoC
More results

Similar Description - BK3231S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BK3231 ETC2-BK3231 Datasheet
150Kb / 12P
   Bluetooth HID SoC
logo
Beken Corporation
BK3254 BEKEN-BK3254 Datasheet
422Kb / 17P
   Bluetooth Multimedia SoC
0.5 2016/07/01
BK3266 BEKEN-BK3266 Datasheet
483Kb / 28P
   Bluetooth Audio SoC
0.5 11/Apr/2018
logo
List of Unclassifed Man...
BK8000L ETC2-BK8000L Datasheet
334Kb / 15P
   Bluetooth Audio SoC
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
logo
Renesas Technology Corp
DA14530 RENESAS-DA14530 Datasheet
4Mb / 333P
   Low Power Bluetooth 5.1 SoC
21-Dec-2021
logo
Cypress Semiconductor
CYW20707 CYPRESS-CYW20707 Datasheet
743Kb / 51P
   Bluetooth SoC for Embedded Wireless Devices
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
logo
Renesas Technology Corp
DA14681 RENESAS-DA14681 Datasheet
5Mb / 445P
   Bluetooth Low Energy 4.2 SoC FINAL
13-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com