Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BK3231 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # BK3231
Description  Bluetooth HID SoC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BK3231 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button BK3231 Datasheet HTML 4Page - List of Unclassifed Manufacturers BK3231 Datasheet HTML 5Page - List of Unclassifed Manufacturers BK3231 Datasheet HTML 6Page - List of Unclassifed Manufacturers BK3231 Datasheet HTML 7Page - List of Unclassifed Manufacturers BK3231 Datasheet HTML 8Page - List of Unclassifed Manufacturers BK3231 Datasheet HTML 9Page - List of Unclassifed Manufacturers BK3231 Datasheet HTML 10Page - List of Unclassifed Manufacturers BK3231 Datasheet HTML 11Page - List of Unclassifed Manufacturers BK3231 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
BK3231
v0.1
© 2011Beken Corporation
Proprietary and Confidential
Page 8 of 12
4 PIN information
The next diagram shows QFN56 format for the full functions usage.It can be used as
keyboard TX part and total 35 GPIO available.
1
7
6
5
4
3
2
8
35
41
40
39
38
37
36
42
BK3231
QFN
7mmx7mm 56-Pin
P44
VCCDIG
XTALN
P11
P04
P47
MBISTEN
PPROG
PRSTN
P03
P41
P02
P10
P14
P36
P37
14
14
13
12
11
XTALP
VCCXTAL
NC
VDDPA
RFP
VCCRF
33
32
31
30
34
P27
VDDDSP
VCCDIG
VDDSPI
10
9
29
TDI
TMS
Figure 2BK3231QFN56Pin Assignment
Table1BK3231 QFN56 pin description
PIN
Name
Pin Function
Description
1
P44
Digital I/O
General I/O
2
VCCDIG
Power supply
3 V supply
3
PPROG
Digital I/O
FLASH programming selection
4
MBISTEN
Digital I/O
Test enable
5
P47
Digital I/O
General I/O
6
P04
Digital I/O
General I/O, or MOSI for SPI
7
P11
Digital I/O
General I/O, or input for external active low
interrupt
8
XTALN
Analog output
Oscillator output
9
XTALP
Analog input
Oscillator input
10
VCCXTAL
Power supply
3 V supply
11
VCCRF
Power supply
3 V supply


Similar Part No. - BK3231

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
Bluetooth SoC
BK3231SQ32 ETC2-BK3231SQ32 Datasheet
407Kb / 24P
Bluetooth SoC
BK3231SQB ETC2-BK3231SQB Datasheet
407Kb / 24P
Bluetooth SoC
More results

Similar Description - BK3231

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
Bluetooth SoC
logo
Beken Corporation
BK3254 BEKEN-BK3254 Datasheet
422Kb / 17P
Bluetooth Multimedia SoC
0.5 2016/07/01
BK3266 BEKEN-BK3266 Datasheet
483Kb / 28P
Bluetooth Audio SoC
0.5 11/Apr/2018
logo
List of Unclassifed Man...
BK8000L ETC2-BK8000L Datasheet
334Kb / 15P
Bluetooth Audio SoC
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
Bluetooth Low Energy 4.2 SoC
logo
Renesas Technology Corp
DA14530 RENESAS-DA14530 Datasheet
4Mb / 333P
Low Power Bluetooth 5.1 SoC
21-Dec-2021
logo
Cypress Semiconductor
CYW20707 CYPRESS-CYW20707 Datasheet
743Kb / 51P
Bluetooth SoC for Embedded Wireless Devices
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
logo
Renesas Technology Corp
DA14681 RENESAS-DA14681 Datasheet
5Mb / 445P
Bluetooth Low Energy 4.2 SoC FINAL
13-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com