Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BK3231 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # BK3231
Description  Bluetooth HID SoC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BK3231 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button BK3231 Datasheet HTML 4Page - List of Unclassifed Manufacturers BK3231 Datasheet HTML 5Page - List of Unclassifed Manufacturers BK3231 Datasheet HTML 6Page - List of Unclassifed Manufacturers BK3231 Datasheet HTML 7Page - List of Unclassifed Manufacturers BK3231 Datasheet HTML 8Page - List of Unclassifed Manufacturers BK3231 Datasheet HTML 9Page - List of Unclassifed Manufacturers BK3231 Datasheet HTML 10Page - List of Unclassifed Manufacturers BK3231 Datasheet HTML 11Page - List of Unclassifed Manufacturers BK3231 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
BK3231
v0.1
© 2011Beken Corporation
Proprietary and Confidential
Page 9 of 12
12
RFP
RF port
RF input and output
13
VDDPA
Power output
1.8 V supply to PA
14
NC
NC
Not connected
15
VCCIF
Power supply
3 V supply
16
P00
Digital I/O
General I/O
17
P01
Digital I/O
General I/O
18
P40
Digital I/O
General I/O
19
P30
Digital I/O or analog
input
General I/O
20
P31
Digital I/O or analog
input
General I/O,or input of ADC1
21
P32
Digital I/O or analog
input
General I/O,or input of ADC2
22
P33
Digital I/O or analog
input
General I/O
23
P34
Digital I/O or analog
input
General I/O,or input of ADC4
24
P35
Digital I/O or analog
input
General I/O,or input of ADC5
25
P45
Digital I/O
General I/O
26
P46
Digital I/O
General I/O
27
CLK32K
Analog input
Clock 32 kHz input
28
TCK
Digital I/O
JTAG pin
29
VCCDIG
Power supply
3 V supply
30
VDDSPI
Analog output
Power output, connected with decoupling
CAP
31
VDDDSP
Analog output
Power output, connected with decoupling
CAP
32
P27
Digital I/O
General I/O,or enable for PWM1
33
P41
Digital I/O
General I/O
34
P02
Digital I/O
General I/O
35
P10
Digital I/O
General I/O,or input for external interrupt
0, active low
36
P14
Digital I/O
General I/O
37
P36
Digital I/O
General I/O, or input of ADC6
38
P37
Digital I/O
General I/O, or input of ADC7
39
P03
Digital I/O
General I/O
40
PRSTN
Digital I/O
Active low whole chip reset
41
TMS
Digital I/O
JTAG pin
42
TDI
Digital I/O
JTAG pin
43
RST
Digital I/O
JTAG reset
44
TDO
Digital I/O
JTAG pin
45
P12
Digital I/O
General I/O
46
P13
Digital I/O
General I/O
47
P05
Digital I/O
General I/O, or MISO for SPI
48
P06
Digital I/O
General I/O, or SCK for SPI
49
P07
Digital I/O
General I/O, or chip select for SPI
50
P20
Digital I/O
General I/O, or input for UART
51
P21
Digital I/O
General I/O, or output for UART
521
P22
Digital I/O
General I/O
53
P23
Digital I/O
General I/O,or clock for SMBUS (I2C)


Similar Part No. - BK3231

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
   Bluetooth SoC
BK3231SQ32 ETC2-BK3231SQ32 Datasheet
407Kb / 24P
   Bluetooth SoC
BK3231SQB ETC2-BK3231SQB Datasheet
407Kb / 24P
   Bluetooth SoC
More results

Similar Description - BK3231

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
   Bluetooth SoC
logo
Beken Corporation
BK3254 BEKEN-BK3254 Datasheet
422Kb / 17P
   Bluetooth Multimedia SoC
0.5 2016/07/01
BK3266 BEKEN-BK3266 Datasheet
483Kb / 28P
   Bluetooth Audio SoC
0.5 11/Apr/2018
logo
List of Unclassifed Man...
BK8000L ETC2-BK8000L Datasheet
334Kb / 15P
   Bluetooth Audio SoC
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
logo
Renesas Technology Corp
DA14530 RENESAS-DA14530 Datasheet
4Mb / 333P
   Low Power Bluetooth 5.1 SoC
21-Dec-2021
logo
Cypress Semiconductor
CYW20707 CYPRESS-CYW20707 Datasheet
743Kb / 51P
   Bluetooth SoC for Embedded Wireless Devices
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
logo
Renesas Technology Corp
DA14681 RENESAS-DA14681 Datasheet
5Mb / 445P
   Bluetooth Low Energy 4.2 SoC FINAL
13-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com