Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8509GQW Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8509GQW
Description  3A, 14V Step-Up DC/DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8509GQW Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8509GQW Datasheet HTML 1Page - Richtek Technology Corporation RT8509GQW Datasheet HTML 2Page - Richtek Technology Corporation RT8509GQW Datasheet HTML 3Page - Richtek Technology Corporation RT8509GQW Datasheet HTML 4Page - Richtek Technology Corporation RT8509GQW Datasheet HTML 5Page - Richtek Technology Corporation RT8509GQW Datasheet HTML 6Page - Richtek Technology Corporation RT8509GQW Datasheet HTML 7Page - Richtek Technology Corporation RT8509GQW Datasheet HTML 8Page - Richtek Technology Corporation RT8509GQW Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
RT8509
®
DS8509-01 March 2012
www.richtek.com
1
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Pin Configurations
WDFN-10L 3x3
(TOP VIEW)
3A, 14V Step-Up DC/DC Converter
General Description
The RT8509 is a high performance switching boost
converter that provides a regulated supply voltage for active
matrix thin film transistor (TFT) liquid crystal displays
(LCDs).
The RT8509 incorporates current mode, fixed-frequency,
pulse width modulation (PWM) circuitry with a built in
N-MOSFET to achieve high efficiency and fast transient
response.
The RT8509 has a wide input voltage range from 2.8V to
14V. In addition, the output voltage can be adjusted up to
24V via an external resistive voltage divider. The maximum
peak current is limited to 4.5A (typ.). Other features include
programmable soft-start, over voltage protection, and over
temperature protection.
The RT8509 is available in a WDFN-10L 3x3 package.
Features
90% Efficiency
Adjustable Output Up to 24V
2.8V to 14V Input Supply Voltage
Input Supply Under Voltage Lockout
Fixed 1.2MHz Switching Frequency
Programmable Soft-Start
VOUT Over Voltage Protection
Over Temperature Protection
Thin 10-Lead WDFN Package
RoHS Compliant and Halogen Free
Applications
GIP TFT LCD Panels
Marking Information
H4= : Product Code
YMDNN : Date Code
Typical Application Circuit
COMP
FB
GND
GND
SS
VIN
VSUP
LX
LX
EN
9
8
7
1
2
3
4
5
10
6
11
H4=YM
DNN
LX
RT8509
VIN
EN
VSUP
FB
SS
COMP
GND
Chip Enable
2
10
1
R1
R2
COUT
VOUT
18V
CSS
R3
C1
6, 7
9
3
8
C2
R4
CIN
VIN
12V
4, 5, 11 (Exposed Pad)
L1
D1
10µF x 2
10
1µF
4.7µH
134k
10k
4.7µF x 3
33nF
56k
1nF
C3
1µF
Package Type
QW : WDFN-10L 3x3 (W-Type)
RT8509
Lead Plating System
G : Green (Halogen Free and Pb Free)


Similar Part No. - RT8509GQW

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RT85 ASTRODYNE-RT85 Datasheet
297Kb / 4P
   85W Triple Output Switching Power Supply
logo
Richtek Technology Corp...
RT8511B RICHTEK-RT8511B Datasheet
134Kb / 11P
   43V Asynchronous Boost WLED Driver
logo
Schaffner International...
RT8522-10-6M0 SCHAFFNER-RT8522-10-6M0 Datasheet
2Mb / 6P
   Current-compensated Chokes
RT8522-12-5M0 SCHAFFNER-RT8522-12-5M0 Datasheet
2Mb / 6P
   Current-compensated Chokes
RT8522-16-4M0 SCHAFFNER-RT8522-16-4M0 Datasheet
2Mb / 6P
   Current-compensated Chokes
More results

Similar Description - RT8509GQW

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM2204D HMSEMI-HM2204D Datasheet
489Kb / 10P
   14V Step-up DC/DC Converter
logo
Richtek Technology Corp...
RTQ9297-QT RICHTEK-RTQ9297-QT Datasheet
241Kb / 13P
   3A High Performance Step-Up DC-DC Converter
August 2021
logo
Power Analog Micoelectr...
PAM2421 PAM-PAM2421 Datasheet
210Kb / 9P
   3A,4.5A,5.5A PWM Step-Up DC/DC Converter
logo
AiT Semiconductor Inc.
A7542 AITSEMI-A7542 Datasheet
456Kb / 9P
   DC-DC CONVERTER(BOOST) 1MHz, 3A STEP UP REGULATOR
REV2.0
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
   STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Anachip Corp
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
   Step-Up DC/DC Converter
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
   Step-Up DC/DC Converter
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
   Step-up DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN36 SIGE-AATIAN36 Datasheet
231Kb / 7P
   Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com