Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8509GQW Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT8509GQW
Description  3A, 14V Step-Up DC/DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8509GQW Datasheet(HTML) 7 Page - Richtek Technology Corporation

  RT8509GQW Datasheet HTML 1Page - Richtek Technology Corporation RT8509GQW Datasheet HTML 2Page - Richtek Technology Corporation RT8509GQW Datasheet HTML 3Page - Richtek Technology Corporation RT8509GQW Datasheet HTML 4Page - Richtek Technology Corporation RT8509GQW Datasheet HTML 5Page - Richtek Technology Corporation RT8509GQW Datasheet HTML 6Page - Richtek Technology Corporation RT8509GQW Datasheet HTML 7Page - Richtek Technology Corporation RT8509GQW Datasheet HTML 8Page - Richtek Technology Corporation RT8509GQW Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
RT8509
7
DS8509-01 March 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
where
η is the efficiency of the converter, IIN(MAX) is the
maximum input current, and IRIPPLE is the inductor ripple
current. The input peak current can then be obtained by
adding the maximum input current with half of the inductor
ripple current as shown in the following equation :
PEAK
IN(MAX)
I1.2 x I
=
Note that the saturated current of the inductor must be
greater than IPEAK. The inductance can eventually be
determined according to the following equation :
2
IN
OUT
IN
2
OUT
OUT(MAX)
OSC
x (V ) x(V
V )
L
0.4 x (V
) xI
x f
η
=
where fosc is the switching frequency. For better system
performance, a shielded inductor is preferred to avoid EMI
problems.
Diode Selection
Schottky diodes are chosen for their low forward voltage
drop and fast switching speed. When selecting a Schottky
diode, important parameters such as power dissipation,
reverse voltage rating, and pulsating peak current should
all be taken into consideration. A suitable Schottky diode's
reverse voltage rating must be greater than the maximum
output voltage and its average current rating must exceed
the average output current. Last of all, the chosen diode
should have a sufficiently low leakage current level, since
it will increase with temperature.
Output Capacitor Selection
The output ripple voltage is an important index for
estimating chip performance. This portion consists of two
parts. One is the product of the inductor current with the
ESR of the output capacitor, while the other part is formed
by the charging and discharging process of the output
capacitor. As shown in Figure 1,
ΔVOUT1 can be evaluated
based on the ideal energy equalization. According to the
definition of Q, the Q value can be calculated as the
following equation :
IN
L
OUT
IN
L
OUT
IN
OUT
OUT1
OUT
OSC
11
1
Q
x
I
I
I
I
I
I
22
2
V
1
x
x
C
x V
Vf
⎡⎤
⎛⎞ ⎛
=+ Δ −
+
− Δ −
⎜⎟ ⎜
⎢⎥
⎝⎠ ⎝
⎣⎦
where fOSC is the switching frequency, and
ΔIL is the
inductor ripple current. Bring COUT to the left side to
estimate the value of
ΔVOUT1 according to the following
equation :
OUT
OUT1
OUT
OSC
D x I
V
x C
x f
η
Δ=
where D is the duty cycle and
η is the boost converter
efficiency. Finally, taking ESR into account, the overall
output ripple voltage can be determined by the following
equation :
OUT
OUT
IN
OUT
OSC
D x I
V
I
x ESR
x C
x f
η
Δ=
+
The output capacitor, COUT, should be selected accordingly.
Time
Time
Inductor Current
Output Current
Output Ripple
Voltage (ac)
(1-D)TS
Δ
VOUT1
Δ
IL
Input Current
Figure 1. The Output Ripple Voltage without the
Contribution of ESR
Input Capacitor Selection
Low ESR ceramic capacitors are recommended for input
capacitor applications. Low ESR will effectively reduce
the input voltage ripple caused by switching operation. A
10
μF capacitor is sufficient for most applications.
Nevertheless, this value can be decreased for lower output
current requirement. Another consideration is the voltage
rating of the input capacitor which must be greater than
the maximum input voltage.
OUT
OUT(MAX)
IN(MAX)
IN
RIPPLE
IN(MAX)
V
x I
I
=
x V
I
= 0.4 x I
η
as an example, the inductor ripple current can be
calculated according to the following equations :


Similar Part No. - RT8509GQW

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RT85 ASTRODYNE-RT85 Datasheet
297Kb / 4P
   85W Triple Output Switching Power Supply
logo
Richtek Technology Corp...
RT8511B RICHTEK-RT8511B Datasheet
134Kb / 11P
   43V Asynchronous Boost WLED Driver
logo
Schaffner International...
RT8522-10-6M0 SCHAFFNER-RT8522-10-6M0 Datasheet
2Mb / 6P
   Current-compensated Chokes
RT8522-12-5M0 SCHAFFNER-RT8522-12-5M0 Datasheet
2Mb / 6P
   Current-compensated Chokes
RT8522-16-4M0 SCHAFFNER-RT8522-16-4M0 Datasheet
2Mb / 6P
   Current-compensated Chokes
More results

Similar Description - RT8509GQW

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM2204D HMSEMI-HM2204D Datasheet
489Kb / 10P
   14V Step-up DC/DC Converter
logo
Richtek Technology Corp...
RTQ9297-QT RICHTEK-RTQ9297-QT Datasheet
241Kb / 13P
   3A High Performance Step-Up DC-DC Converter
August 2021
logo
Power Analog Micoelectr...
PAM2421 PAM-PAM2421 Datasheet
210Kb / 9P
   3A,4.5A,5.5A PWM Step-Up DC/DC Converter
logo
AiT Semiconductor Inc.
A7542 AITSEMI-A7542 Datasheet
456Kb / 9P
   DC-DC CONVERTER(BOOST) 1MHz, 3A STEP UP REGULATOR
REV2.0
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
   STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Anachip Corp
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
   Step-Up DC/DC Converter
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
   Step-Up DC/DC Converter
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
   Step-up DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN36 SIGE-AATIAN36 Datasheet
231Kb / 7P
   Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com