Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8509GQW Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8509GQW
Description  3A, 14V Step-Up DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8509GQW Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8509GQW Datasheet HTML 1Page - Richtek Technology Corporation RT8509GQW Datasheet HTML 2Page - Richtek Technology Corporation RT8509GQW Datasheet HTML 3Page - Richtek Technology Corporation RT8509GQW Datasheet HTML 4Page - Richtek Technology Corporation RT8509GQW Datasheet HTML 5Page - Richtek Technology Corporation RT8509GQW Datasheet HTML 6Page - Richtek Technology Corporation RT8509GQW Datasheet HTML 7Page - Richtek Technology Corporation RT8509GQW Datasheet HTML 8Page - Richtek Technology Corporation RT8509GQW Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
RT8509
3
DS8509-01 March 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Electrical Characteristics
Recommended Operating Conditions
(Note 4)
Ambient Temperature Range --------------------------------------------------------------------------------------------
−40°C to 85°C
Junction Temperature Range --------------------------------------------------------------------------------------------
−40°C to 125°C
Absolute Maximum Ratings
(Note 1)
LX, VSUP to GND ---------------------------------------------------------------------------------------------------------
−0.3V to 28V
VIN, EN to GND ------------------------------------------------------------------------------------------------------------
−0.3V to 16.5V
Other Pins to GND --------------------------------------------------------------------------------------------------------
−0.3V to 6.5V
Power Dissipation, PD @ TA = 25
°C
WDFN-10L 3x3 ------------------------------------------------------------------------------------------------------------- 1.429W
Package Thermal Resistance (Note 2)
WDFN-10L 3x3,
θJA ------------------------------------------------------------------------------------------------------- 70°C/W
WDFN-10L 3x3,
θJC ------------------------------------------------------------------------------------------------------- 8.2°C/W
Junction Temperature ----------------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
65°C to 150°C
Lead Temperature (Soldering, 10sec.) -------------------------------------------------------------------------------- 260
°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ---------------------------------------------------------------------------------------------- 2kV
MM (Machine Model) ----------------------------------------------------------------------------------------------------- 200V
(VIN = 3.3V, VOUT = 10V, TA =25
°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Current
Input Voltage Range
VIN
2.8
--
14
V
Output Voltage Range
VOUT
--
--
24
V
Under Voltage Lockout
Threshold
VUVLO
VIN Rising
--
2.5
3
V
UVLO Hysteresis
ΔVUVLO
--
200
--
mV
VFB = 1.3V, LX Not Switching
--
1
--
VIN Quiescent Current
IQ
VFB = 1V, LX Switching
--
5
--
mA
Thermal Shutdown Threshold TSD
Temperature Rising
--
155
--
°C
Thermal Shutdown
Hysteresis
ΔTSD
--
10
--
°C
VSUP Over Voltage
Threshold
VSUP Rising
--
26
--
V
Oscillator
Oscillator Frequency
fOSC
1000
1200
1500
kHz
Maximum Duty Cycle
DMAX
--
90
--
%
Error Amplifier
FB Regulation Voltage
VREF
--
1.25
--
V
FB Input Bias Current
IFB
--
--
100
nA
FB Line Regulation
--
0.05
0.2
%/V


Similar Part No. - RT8509GQW

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RT85 ASTRODYNE-RT85 Datasheet
297Kb / 4P
85W Triple Output Switching Power Supply
logo
Richtek Technology Corp...
RT8511B RICHTEK-RT8511B Datasheet
134Kb / 11P
43V Asynchronous Boost WLED Driver
logo
Schaffner International...
RT8522-10-6M0 SCHAFFNER-RT8522-10-6M0 Datasheet
2Mb / 6P
Current-compensated Chokes
RT8522-12-5M0 SCHAFFNER-RT8522-12-5M0 Datasheet
2Mb / 6P
Current-compensated Chokes
RT8522-16-4M0 SCHAFFNER-RT8522-16-4M0 Datasheet
2Mb / 6P
Current-compensated Chokes
More results

Similar Description - RT8509GQW

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
Step-Up DC/DC Converter
Rev. 0.1 Apr. 14, 2004
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
Step-Up DC/DC Converter
Rev. 1.0 May. 5, 2005
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
Step-up DC/DC Converter
logo
Power Analog Micoelectr...
PAM2421 PAM-PAM2421 Datasheet
210Kb / 9P
3A,4.5A,5.5A PWM Step-Up DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN36 SIGE-AATIAN36 Datasheet
231Kb / 7P
Step-Up DC/DC Converter
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
STEP-UP DC/DC CONVERTER
logo
Shenzhen Huazhimei Semi...
HM2204D HMSEMI-HM2204D Datasheet
489Kb / 10P
14V Step-up DC/DC Converter
logo
AiT Semiconductor Inc.
A7542 AITSEMI-A7542 Datasheet
456Kb / 9P
DC-DC CONVERTER(BOOST) 1MHz, 3A STEP UP REGULATOR
REV2.0
logo
Richtek Technology Corp...
RTQ9297-QT RICHTEK-RTQ9297-QT Datasheet
241Kb / 13P
3A High Performance Step-Up DC-DC Converter
August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com