Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8509 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT8509
Description  3A, 14V Step-Up DC/DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8509 Datasheet(HTML) 8 Page - Richtek Technology Corporation

  RT8509 Datasheet HTML 1Page - Richtek Technology Corporation RT8509 Datasheet HTML 2Page - Richtek Technology Corporation RT8509 Datasheet HTML 3Page - Richtek Technology Corporation RT8509 Datasheet HTML 4Page - Richtek Technology Corporation RT8509 Datasheet HTML 5Page - Richtek Technology Corporation RT8509 Datasheet HTML 6Page - Richtek Technology Corporation RT8509 Datasheet HTML 7Page - Richtek Technology Corporation RT8509 Datasheet HTML 8Page - Richtek Technology Corporation RT8509 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
RT8509
8
DS8509-01 March 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of the IC
package, PCB layout, rate of surrounding airflow, and
difference between junction and ambient temperature. The
maximum power dissipation can be calculated by the
following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
where TJ(MAX) is the maximum junction temperature, TAis
the ambient temperature, and
θJA is the junction to ambient
thermal resistance.
For recommended operating condition specifications, the
maximum junction temperature is 125
°C. The junction to
ambient thermal resistance,
θJA, is layout dependent. For
WDFN-10L 3x3 packages, the thermal resistance,
θJA, is
70
°C/W on a standard JEDEC 51-7 four-layer thermal test
board. The maximum power dissipation at TA = 25
°C can
be calculated by the following formula :
PD(MAX) = (125
°C − 25°C) / (70°C/W) = 1.429W for
WDFN-10L 3x3 package
The maximum power dissipation depends on the operating
ambient temperature for fixed TJ(MAX) and thermal
resistance,
θJA. The derating curve in Figure 2 allows the
designer to see the effect of rising ambient temperature
on the maximum power dissipation.
Figure 2. Derating Curve of Maximum Power Dissipation
Layout Considerations
For high frequency switching power supplies, the PCB
layout is important to get good regulation, high efficiency
and stability. The following descriptions are the guidelines
for better PCB layout.
For good regulation, place the power components as
close as possible. The traces should be wide and short
enough especially for the high current output loop.
The feedback voltage divider resistors must be near the
feedback pin. The divider center trace must be shorter
and the trace must be kept away from any switching
nodes.
The compensation circuit should be kept away from the
power loops and be shielded with a ground trace to
prevent any noise coupling.
Minimize the size of the LX node and keep it wide and
shorter. Keep the LX node away from the FB.
The exposed pad of the chip should be connected to a
strong ground plane for maximum thermal consideration.
Figure 3. PCB Layout Guide
COMP
FB
GND
GND
SS
VIN
VSUP
LX
LX
EN
9
8
7
1
2
3
4
5
10
6
11
R4
C2
VIN
GND
GND
VOUT
COUT
L1
CIN
VIN
D1
R3
C1
GND
R1
VOUT
R2
Place C2 as close
to VIN as possible.
Place the power components as
close to the IC as possible. The
traces should be wide and short,
especially for the high-current loop.
The compensation circuit
should be kept away from the
power loops and should be
shielded with a ground trace to
prevent any noise coupling.
The feedback voltage-divider
resistors must be near the
feedback pin. The divider center
trace must be shorter and avoid the
trace near any switching nodes.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
25
50
75
100
125
Ambient Temperature (°C)
Four Layer PCB


Similar Part No. - RT8509

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RT85 ASTRODYNE-RT85 Datasheet
297Kb / 4P
   85W Triple Output Switching Power Supply
logo
Richtek Technology Corp...
RT8511B RICHTEK-RT8511B Datasheet
134Kb / 11P
   43V Asynchronous Boost WLED Driver
logo
Schaffner International...
RT8522-10-6M0 SCHAFFNER-RT8522-10-6M0 Datasheet
2Mb / 6P
   Current-compensated Chokes
RT8522-12-5M0 SCHAFFNER-RT8522-12-5M0 Datasheet
2Mb / 6P
   Current-compensated Chokes
RT8522-16-4M0 SCHAFFNER-RT8522-16-4M0 Datasheet
2Mb / 6P
   Current-compensated Chokes
More results

Similar Description - RT8509

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM2204D HMSEMI-HM2204D Datasheet
489Kb / 10P
   14V Step-up DC/DC Converter
logo
Richtek Technology Corp...
RTQ9297-QT RICHTEK-RTQ9297-QT Datasheet
241Kb / 13P
   3A High Performance Step-Up DC-DC Converter
August 2021
logo
Power Analog Micoelectr...
PAM2421 PAM-PAM2421 Datasheet
210Kb / 9P
   3A,4.5A,5.5A PWM Step-Up DC/DC Converter
logo
AiT Semiconductor Inc.
A7542 AITSEMI-A7542 Datasheet
456Kb / 9P
   DC-DC CONVERTER(BOOST) 1MHz, 3A STEP UP REGULATOR
REV2.0
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
   STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Anachip Corp
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
   Step-Up DC/DC Converter
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
   Step-Up DC/DC Converter
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
   Step-up DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN36 SIGE-AATIAN36 Datasheet
231Kb / 7P
   Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com