Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8509 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT8509
Description  3A, 14V Step-Up DC/DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8509 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT8509 Datasheet HTML 1Page - Richtek Technology Corporation RT8509 Datasheet HTML 2Page - Richtek Technology Corporation RT8509 Datasheet HTML 3Page - Richtek Technology Corporation RT8509 Datasheet HTML 4Page - Richtek Technology Corporation RT8509 Datasheet HTML 5Page - Richtek Technology Corporation RT8509 Datasheet HTML 6Page - Richtek Technology Corporation RT8509 Datasheet HTML 7Page - Richtek Technology Corporation RT8509 Datasheet HTML 8Page - Richtek Technology Corporation RT8509 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
RT8509
5
DS8509-01 March 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Boost Reference Voltage vs. Input Voltage
1
1.1
1.2
1.3
1.4
1.5
2
4
6
8
101214
Input Voltage (V)
Boost Current Limit vs. Input Voltage
2
3
4
5
6
7
2468
10
12
14
Input Voltage (V)
Typical Operating Characteristics
Boost Efficiency vs. Load Current
50
60
70
80
90
100
0
0.3
0.6
0.9
1.2
1.5
Load Current (A)
VOUT = 18V, fOSC = 1.2MHz
VIN = 14V
VIN = 12V
VIN = 10V
Boost Efficiency vs. Load Current
50
60
70
80
90
100
0
0.1
0.2
0.3
0.4
0.5
Load Current (A)
VOUT = 13.5V, fOSC = 1.2MHz
VIN = 3.3V
VIN = 5V
Boost Reference Voltage vs. Temperature
1
1.1
1.2
1.3
1.4
1.5
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 3.3V
Boost Frequency vs. Temperature
900
1000
1100
1200
1300
1400
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 3.3V


Similar Part No. - RT8509

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RT85 ASTRODYNE-RT85 Datasheet
297Kb / 4P
   85W Triple Output Switching Power Supply
logo
Richtek Technology Corp...
RT8511B RICHTEK-RT8511B Datasheet
134Kb / 11P
   43V Asynchronous Boost WLED Driver
logo
Schaffner International...
RT8522-10-6M0 SCHAFFNER-RT8522-10-6M0 Datasheet
2Mb / 6P
   Current-compensated Chokes
RT8522-12-5M0 SCHAFFNER-RT8522-12-5M0 Datasheet
2Mb / 6P
   Current-compensated Chokes
RT8522-16-4M0 SCHAFFNER-RT8522-16-4M0 Datasheet
2Mb / 6P
   Current-compensated Chokes
More results

Similar Description - RT8509

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM2204D HMSEMI-HM2204D Datasheet
489Kb / 10P
   14V Step-up DC/DC Converter
logo
Richtek Technology Corp...
RTQ9297-QT RICHTEK-RTQ9297-QT Datasheet
241Kb / 13P
   3A High Performance Step-Up DC-DC Converter
August 2021
logo
Power Analog Micoelectr...
PAM2421 PAM-PAM2421 Datasheet
210Kb / 9P
   3A,4.5A,5.5A PWM Step-Up DC/DC Converter
logo
AiT Semiconductor Inc.
A7542 AITSEMI-A7542 Datasheet
456Kb / 9P
   DC-DC CONVERTER(BOOST) 1MHz, 3A STEP UP REGULATOR
REV2.0
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
   STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Anachip Corp
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
   Step-Up DC/DC Converter
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
   Step-Up DC/DC Converter
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
   Step-up DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN36 SIGE-AATIAN36 Datasheet
231Kb / 7P
   Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com