Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BMG160 Datasheet(PDF) 2 Page - Bosch Sensortec GmbH

Part # BMG160
Description  Digital, triaxial gyroscope sensor
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMG160 Datasheet(HTML) 2 Page - Bosch Sensortec GmbH

  BMG160 Datasheet HTML 1Page - Bosch Sensortec GmbH BMG160 Datasheet HTML 2Page - Bosch Sensortec GmbH BMG160 Datasheet HTML 3Page - Bosch Sensortec GmbH BMG160 Datasheet HTML 4Page - Bosch Sensortec GmbH BMG160 Datasheet HTML 5Page - Bosch Sensortec GmbH BMG160 Datasheet HTML 6Page - Bosch Sensortec GmbH BMG160 Datasheet HTML 7Page - Bosch Sensortec GmbH BMG160 Datasheet HTML 8Page - Bosch Sensortec GmbH BMG160 Datasheet HTML 9Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 91 page
background image
BMG160
Data sheet
Page 2
BST-BMG160-DS000-09 | Revision 1.2 | May 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
BMG160
16BIT, DIGITAL, TRIAXIAL ±125°/S TO ±2000°/S GYROSCOPE SENSOR
3MM X 3MM X 0.95MM LGA PACKAGE
Key features
 3-axis integrated gyroscope
 16 bit digital resolution
 Switchable full-scale ranges: in total 5 ranges
 VDD: 2.4 ... 3.6V / VDDIO: 1.2 ... 3.6V
 Interrupt engine
 Low power consumption <5mA
 Short start-up time of 30ms
 Wake-up time in fast power-up mode only 10ms
 Operating temperature: -40°C ... +85°C
 I2C and SPI interface (4-wire and 3-wire, SPI mode 0 and mode 3)
 Low-pass filters
 Fast and slow offset controller (FOC and SOC)
 Small footprint 12 pin LGA package, 3mm x 3mm x 0.95mm
 MSL level 1
 RoHS compliant, halogen-free, Pb-free
 Temperture Sensor
Typical applications
 Cell-phones
 Human machine interface devices
 Gaming
 Image stabilization
 Gesture recognition
 Indoor navigation
General Description
The BMG160 is a 3-axis angular rate sensor that is made of a surface micro machined sensing
element and an evaluation ASIC.
Both parts are packed into one single LGA 3.0mm x 3.0mm x 0.95mm housing.
The BMG160 is designed to meet requirements for consumer applications such as image
stabilization (DSC and camera-phone), gaming and pointing devices. It is capable to measure
angular rates in three perpendicular room dimensions, the x-, y- and z-axis, and to provide the
corresponding output signals. The BMG160 is fitted with digital bi-directional SPI and I
2C
interfaces for optimum system integration.
The BMG160 offers a variable VDDIO voltage range from 1.2V to 3.6V and can be programmed
to optimize functionality, performance and power consumption in customer specific applications.
In addition it features an on-chip interrupt controller enabling motion-based applications without
use of a microcontroller.


Similar Part No. - BMG160

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BMG160 ETC2-BMG160 Datasheet
2Mb / 91P
Digital, triaxial gyroscope sensor
More results

Similar Description - BMG160

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BMA150 ETC2-BMA150 Datasheet
686Kb / 55P
Digital, triaxial acceleration sensor
BMA220 ETC2-BMA220 Datasheet
2Mb / 63P
Digital, triaxial acceleration sensor
BMA250 ETC2-BMA250 Datasheet
1Mb / 74P
Digital, triaxial acceleration sensor
BMG160 ETC2-BMG160 Datasheet
2Mb / 91P
Digital, triaxial gyroscope sensor
logo
Bosch Sensortec GmbH
BMA222E BOSCH-BMA222E Datasheet
2Mb / 119P
Digital, triaxial acceleration sensor
BMA253 BOSCH-BMA253 Datasheet
2Mb / 119P
Digital, triaxial acceleration sensor
BMA280 BOSCH-BMA280 Datasheet
2Mb / 119P
Digital, triaxial acceleration sensor
BMA120 BOSCH-BMA120 Datasheet
1Mb / 2P
Digital, triaxial acceleration sensor
BMA180 BOSCH-BMA180 Datasheet
194Kb / 2P
Digital, triaxial acceleration sensor
BMA220 BOSCH-BMA220 Datasheet
1Mb / 60P
Digital, triaxial acceleration sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com