Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BMG160 Datasheet(PDF) 1 Page - Bosch Sensortec GmbH

Part # BMG160
Description  Digital, triaxial gyroscope sensor
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMG160 Datasheet(HTML) 1 Page - Bosch Sensortec GmbH

  BMG160 Datasheet HTML 1Page - Bosch Sensortec GmbH BMG160 Datasheet HTML 2Page - Bosch Sensortec GmbH BMG160 Datasheet HTML 3Page - Bosch Sensortec GmbH BMG160 Datasheet HTML 4Page - Bosch Sensortec GmbH BMG160 Datasheet HTML 5Page - Bosch Sensortec GmbH BMG160 Datasheet HTML 6Page - Bosch Sensortec GmbH BMG160 Datasheet HTML 7Page - Bosch Sensortec GmbH BMG160 Datasheet HTML 8Page - Bosch Sensortec GmbH BMG160 Datasheet HTML 9Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 91 page
background image
BMG160
Data sheet
Page 1
BST-BMG160-DS000-09 | Revision 1.2 | May 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Data sheet
BMG160
Digital, triaxial gyroscope sensor
BMG160: Data sheet
Document revision
1.2
Document release date
06 May 2014
Document number
BST-BMG160-DS000-09
Technical reference code(s)
0 273 142 007
Notes
Data in this document are subject to change without notice. Product photos
and pictures are for illustration purposes only and may differ from the real
product’s appearance.
Not intended for publishing
Bosch Sensortec


Similar Part No. - BMG160

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BMG160 ETC2-BMG160 Datasheet
2Mb / 91P
   Digital, triaxial gyroscope sensor
More results

Similar Description - BMG160

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BMG160 ETC2-BMG160 Datasheet
2Mb / 91P
   Digital, triaxial gyroscope sensor
BMA250 ETC2-BMA250 Datasheet
1Mb / 74P
   Digital, triaxial acceleration sensor
BMA150 ETC2-BMA150 Datasheet
686Kb / 55P
   Digital, triaxial acceleration sensor
logo
Bosch Sensortec GmbH
BMA220 BOSCH-BMA220 Datasheet
1Mb / 60P
   Digital, triaxial acceleration sensor
BMA280 BOSCH-BMA280 Datasheet
2Mb / 119P
   Digital, triaxial acceleration sensor
BMA222E BOSCH-BMA222E Datasheet
2Mb / 119P
   Digital, triaxial acceleration sensor
BMA253 BOSCH-BMA253 Datasheet
2Mb / 119P
   Digital, triaxial acceleration sensor
BMA120 BOSCH-BMA120 Datasheet
1Mb / 2P
   Digital, triaxial acceleration sensor
BMA180 BOSCH-BMA180 Datasheet
194Kb / 2P
   Digital, triaxial acceleration sensor
logo
List of Unclassifed Man...
BMA220 ETC2-BMA220 Datasheet
2Mb / 63P
   Digital, triaxial acceleration sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com