Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BMG160 Datasheet(PDF) 8 Page - Bosch Sensortec GmbH

Part # BMG160
Description  Digital, triaxial gyroscope sensor
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMG160 Datasheet(HTML) 8 Page - Bosch Sensortec GmbH

Back Button BMG160 Datasheet HTML 4Page - Bosch Sensortec GmbH BMG160 Datasheet HTML 5Page - Bosch Sensortec GmbH BMG160 Datasheet HTML 6Page - Bosch Sensortec GmbH BMG160 Datasheet HTML 7Page - Bosch Sensortec GmbH BMG160 Datasheet HTML 8Page - Bosch Sensortec GmbH BMG160 Datasheet HTML 9Page - Bosch Sensortec GmbH BMG160 Datasheet HTML 10Page - Bosch Sensortec GmbH BMG160 Datasheet HTML 11Page - Bosch Sensortec GmbH BMG160 Datasheet HTML 12Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 91 page
background image
BMG160
Data sheet
Page 8
BST-BMG160-DS000-09 | Revision 1.2 | May 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Supply Current in
Normal Mode
IDD
see
1
5
mA
Supply Current
in Fast Power-
up Mode
IDDfpm
see
1
2.5
mA
Supply Current
in Suspend -
Mode
I
DDsum
see
1, digital and
analog
(only IF active)
25
µA
Supply Current
in Deep
Suspend -
Mode
I
DDdsum
see
1
<5
µA
Start-up time
tsu
to ±1º/s of final
value;
from power-off
30
ms
Wake-up time
twusm
From suspend- and
deep suspend-
modes
30
ms
Wake-up time
twufpm
From fast power-up
mode
10
ms
Non-volatile
memory (NVM)
write-cycles
nNVM
15
cycles
Operating
Temperature
T
A
full performance
-40
+85
°C
Sensitivity
Ta=25°C, RFS2000
16.4
LSB/°/s
Ta=25°C, RFS1000
32.8
LSB/°/s
Ta=25°C, RFS500
65.6
LSB/°/s
Ta=25°C, RFS250
131.2
LSB/°/s
Ta=25°C, RFS125
262.4
LSB/°/s
Sensitivity
tolerance
Ta=25°C, RFS2000
±1
%
Sensitivity
Change over
Temperature
TCS
Nominal VDD supplies
-40°C ≤ T
A
≤ +85°C
RFS2000
±0.03
%/K
1 Conditions of current consumption if not specified otherwise: TA=25°C, BW_Gyro=1kHz,
VDD=2.4V, VDDIO=1.8V, digital protocol on, no streaming data


Similar Part No. - BMG160

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BMG160 ETC2-BMG160 Datasheet
2Mb / 91P
Digital, triaxial gyroscope sensor
More results

Similar Description - BMG160

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BMA150 ETC2-BMA150 Datasheet
686Kb / 55P
Digital, triaxial acceleration sensor
BMA220 ETC2-BMA220 Datasheet
2Mb / 63P
Digital, triaxial acceleration sensor
BMA250 ETC2-BMA250 Datasheet
1Mb / 74P
Digital, triaxial acceleration sensor
BMG160 ETC2-BMG160 Datasheet
2Mb / 91P
Digital, triaxial gyroscope sensor
logo
Bosch Sensortec GmbH
BMA222E BOSCH-BMA222E Datasheet
2Mb / 119P
Digital, triaxial acceleration sensor
BMA253 BOSCH-BMA253 Datasheet
2Mb / 119P
Digital, triaxial acceleration sensor
BMA280 BOSCH-BMA280 Datasheet
2Mb / 119P
Digital, triaxial acceleration sensor
BMA120 BOSCH-BMA120 Datasheet
1Mb / 2P
Digital, triaxial acceleration sensor
BMA180 BOSCH-BMA180 Datasheet
194Kb / 2P
Digital, triaxial acceleration sensor
BMA220 BOSCH-BMA220 Datasheet
1Mb / 60P
Digital, triaxial acceleration sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com