Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BMG160 Datasheet(PDF) 7 Page - Bosch Sensortec GmbH

Part # BMG160
Description  Digital, triaxial gyroscope sensor
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMG160 Datasheet(HTML) 7 Page - Bosch Sensortec GmbH

Back Button BMG160 Datasheet HTML 3Page - Bosch Sensortec GmbH BMG160 Datasheet HTML 4Page - Bosch Sensortec GmbH BMG160 Datasheet HTML 5Page - Bosch Sensortec GmbH BMG160 Datasheet HTML 6Page - Bosch Sensortec GmbH BMG160 Datasheet HTML 7Page - Bosch Sensortec GmbH BMG160 Datasheet HTML 8Page - Bosch Sensortec GmbH BMG160 Datasheet HTML 9Page - Bosch Sensortec GmbH BMG160 Datasheet HTML 10Page - Bosch Sensortec GmbH BMG160 Datasheet HTML 11Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 91 page
background image
BMG160
Data sheet
Page 7
BST-BMG160-DS000-09 | Revision 1.2 | May 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
1. Specification
If not stated otherwise, the given values are over lifetime and full performance temperature and
voltage ranges, minimum/maximum values are ±3
.
1.1 Electrical specification
Table 1: Electrical parameter specification
GYROSCOPE OPERATING CONDITIONS
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Supply Voltage
Internal Domains
VDD
2.4
3.0
3.6
V
Supply Voltage
I/O Domain
VDDIO
1.2
2.4
3.6
V
Voltage Input
Low Level
VIL
SPI & I²C
0.3VDDIO
-
Voltage Input
High Level
VIH
SPI & I²C
0.7VDDIO
-
Voltage Output
Low Level
VOL
VDDIO = 1.2V
IOL = 3mA, SPI & I²C
0.23VDDIO
-
Voltage Output
High Level
VOH
VDDIO = 1.2V
IOH= 3mA, SPI
0.8VDDIO
-
1.2 Electrical and physical characteristics, measurement performance
Table 2: Electrical characteristics
GYROSCOPE OPERATING CONDITIONS
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Range
RFS125
Selectable
via serial digital
interface
125
°/s
RFS250
250
°/s
RFS500
500
°/s
RFS1000
1,000
°/s
RFS2000
2,000
°/s


Similar Part No. - BMG160

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BMG160 ETC2-BMG160 Datasheet
2Mb / 91P
Digital, triaxial gyroscope sensor
More results

Similar Description - BMG160

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BMG160 ETC2-BMG160 Datasheet
2Mb / 91P
Digital, triaxial gyroscope sensor
BMA250 ETC2-BMA250 Datasheet
1Mb / 74P
Digital, triaxial acceleration sensor
BMA150 ETC2-BMA150 Datasheet
686Kb / 55P
Digital, triaxial acceleration sensor
logo
Bosch Sensortec GmbH
BMA220 BOSCH-BMA220 Datasheet
1Mb / 60P
Digital, triaxial acceleration sensor
BMA280 BOSCH-BMA280 Datasheet
2Mb / 119P
Digital, triaxial acceleration sensor
BMA222E BOSCH-BMA222E Datasheet
2Mb / 119P
Digital, triaxial acceleration sensor
BMA253 BOSCH-BMA253 Datasheet
2Mb / 119P
Digital, triaxial acceleration sensor
BMA120 BOSCH-BMA120 Datasheet
1Mb / 2P
Digital, triaxial acceleration sensor
BMA180 BOSCH-BMA180 Datasheet
194Kb / 2P
Digital, triaxial acceleration sensor
logo
List of Unclassifed Man...
BMA220 ETC2-BMA220 Datasheet
2Mb / 63P
Digital, triaxial acceleration sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com