Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRD05VDCSLC Datasheet(PDF) 1 Page - Ningbo songle relay co.,ltd

Part # SRD05VDCSLC
Description  RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONGLERELAY [Ningbo songle relay co.,ltd]
Direct Link  http://www.songlerelay.com/?l=en
Logo SONGLERELAY - Ningbo songle relay co.,ltd

SRD05VDCSLC Datasheet(HTML) 1 Page - Ningbo songle relay co.,ltd

  SRD05VDCSLC Datasheet HTML 1Page - Ningbo songle relay co.,ltd SRD05VDCSLC Datasheet HTML 2Page - Ningbo songle relay co.,ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
2. APPLICATIONS
• Domestic appliance, office machine, audio, equipment, automobile, etc.
( Remote control TV receiver, monitor display, audio equipment high rushing current use application.)
3. ORDERING INFORMATION
SRD
XX VDC
S
L
C
Model of relay
Nominal coil voltage
Structure
Coil sensitivity
Contact form
A:1 form A
S:Sealed type
L:0.36W
B:1 form B
SRD
03 ˆ05 ˆ06 ˆ09 ˆ12 ˆ24 ˆ48VDC
F:Flux free type
D:0.45W
C:1 form C
4. RATING
CCC
FILE NUMBER:CH0052885-2000
7A/240VDC
CCC
FILE NUMBER:CH0036746-99
10A/250VDC
UL /CUL
FILE NUMBER: E167996
10A/125VAC 28VDC
TUV
FILE NUMBER: R9933789
10A/240VAC 28VDC
5. DIMENSION(unit:mm)
DRILLING(unit:mm)
WIRING DIAGRAM
RELAY ISO9002
1. MAIN FEATURES
• Switching capacity available by 10A in spite of
small size design for highdensity P.C. board
mounting technique.
• UL,CUL,TUV recognized.
• Selection of plastic material for high temperature and
better chemical solution performance.
• Sealed types available.
• Simple relay magnetic circuit to meet low cost of
mass production.


Similar Part No. - SRD05VDCSLC

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SRD00111Z SIEMENS-SRD00111Z Datasheet
119Kb / 5P
   Silicon PIN Photodiode in TO-Package
SRD00212Z SIEMENS-SRD00212Z Datasheet
64Kb / 3P
   Ternary PIN Photodiode in TO-Package with Integrated Optics
SRD00214C SIEMENS-SRD00214C Datasheet
122Kb / 4P
   Ternary PIN Photodiode with Pigtail
SRD00214H SIEMENS-SRD00214H Datasheet
122Kb / 4P
   Ternary PIN Photodiode with Pigtail
SRD00214X SIEMENS-SRD00214X Datasheet
122Kb / 4P
   Ternary PIN Photodiode with Pigtail
More results

Similar Description - SRD05VDCSLC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FZ800ED-RELAY ETC-FZ800ED-RELAY Datasheet
21Kb / 1P
   RELAY
PRS-1 ETC2-PRS-1 Datasheet
522Kb / 1P
   relay
logo
GOOD SKY ELECTRIC CO., ...
RET GOODSKY-RET Datasheet
1Mb / 6P
   Relay
logo
List of Unclassifed Man...
FRC1 ETC-FRC1 Datasheet
64Kb / 2P
   RELAY
HRS4E ETC-HRS4E Datasheet
71Kb / 3P
   Relay
logo
GOOD SKY ELECTRIC CO., ...
GIN GOODSKY-GIN Datasheet
397Kb / 2P
   Relay
logo
Fujitsu Component Limit...
FTR-C2 FUJITSU-FTR-C2 Datasheet
539Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Carlo Gavazzi Holding A...
PIDIN0126HI2R2S1XX CARLOGAVAZZI-PIDIN0126HI2R2S1XX Datasheet
891Kb / 8P
   Monitoring Relay Interface protection Relay
PIDIN0021HI4R2S1XX CARLOGAVAZZI-PIDIN0021HI4R2S1XX Datasheet
2Mb / 9P
   Monitoring Relay Interface protection Relay
logo
List of Unclassifed Man...
FRM8 ETC-FRM8 Datasheet
51Kb / 2P
   RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com