Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P040-010 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P040-010
Description  C19 to L6-20P Heavy-Duty Power Cord - 20A, 250V, 12 AWG, 10 ft., Black
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P040-010 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P040-010 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P040-010 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
C19 to L6-20P Heavy-Duty Power Cord - 20A,
250V, 12 AWG, 10 ft., Black
MODEL NUMBER: P040-010
Heavy-duty power cord supplies power to network devices that require a heavy-gauge connection, such
as larger servers and switches.
Features
C19 to L6-20P Power Cable for Network Devices That Require a Heavy-Gauge Connection
This 12 AWG power cable is designed for servers, routers, network switches, blade server enclosures and
other devices that require a heavy-gauge connection capable of managing high power levels. The fully
molded C19 end connects to your device’s C20 inlet, and the fully molded NEMA L6-20P plug connects to
an AC power source up to 10 feet away. The 10-foot length allows you great flexibility in placing
equipment with respect to the power outlet.
Locking Connector Helps Prevent Accidental Disconnection and Expensive Downtime
Having a cable come loose accidentally can mean the loss of power and costly downtime. The locking
NEMA L6-20P connector helps you avoid such danger, protecting critical equipment by maintaining a
secure link without failure. The locking connector is also invaluable when moving equipment in a rack or
removing equipment from tight areas, ensuring the heavy-duty power cable always stays connected.
Highlights
Recommended for powering
servers, switches and other
essential network devices
q
Locking connector maintains
secure link to avoid loss of
power and costly downtime
q
Thick 12 AWG wire gauge
manages high power levels
required for larger equipment
q
C19 to L6-20P power cord is
ideal replacement for worn-out
or missing cable
q
Long 10 ft. cord provides
flexibility in placing connected
device away from outlet
q
Applications
Connect network devices like
servers, switches and blade
server enclosures to a PDU up
to 10 ft. away in your data
center
q
Extend an existing power
connection up to 10 ft. to more
easily place a device or reach a
power source in a rack
q
Replace a worn-out or missing
heavy-gauge power cord
q
Package Includes
P040-010 C19 to L6-20P Power
Cord, 10 ft., Black
q
OVERVIEW
UPC Code
037332140951
1 / 2


Similar Part No. - P040-010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P040-012 TRIPPLITE-P040-012 Datasheet
165Kb / 2P
C19 to L6-20P Heavy-Duty Power Cord - 20A, 250V, 12 AWG, 12 ft., Black
P040-012-P30 TRIPPLITE-P040-012-P30 Datasheet
165Kb / 2P
C19 to L6-30P Heavy-Duty Power Cord - 20A, 100??50V, 12 AWG, 12 ft., Black
P040-014 TRIPPLITE-P040-014 Datasheet
165Kb / 2P
C19 to L6-20P Heavy-Duty Power Cord - 20A, 250V, 12 AWG, 14 ft., Black
More results

Similar Description - P040-010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P040006 TRIPPLITE-P040006 Datasheet
489Kb / 2P
Heavy-Duty Power Extension Cord, 20A, 12AWG (IEC-320-C19 to NEMA L6-20P), 6-ft
P036-002 TRIPPLITE-P036-002 Datasheet
163Kb / 2P
C19 to C20 Heavy-Duty Extension Cord - 20A, 250V, 12 AWG, 2 ft., Black
P036-006 TRIPPLITE-P036-006 Datasheet
164Kb / 2P
C19 to C20 Heavy-Duty Extension Cord - 20A, 250V, 12 AWG, 6 ft., Black
P036-010 TRIPPLITE-P036-010 Datasheet
164Kb / 2P
C19 to C20 Heavy-Duty Extension Cord - 20A, 250V, 12 AWG, 10 ft., Black
P039-001-2 TRIPPLITE-P039-001-2 Datasheet
165Kb / 2P
L6-20P to 2x L6-20R Y Splitter, Heavy Duty - 20A, 250V, 10 AWG, 1 ft., Black
P040-012 TRIPPLITE-P040-012 Datasheet
165Kb / 2P
C19 to L6-20P Heavy-Duty Power Cord - 20A, 250V, 12 AWG, 12 ft., Black
P040-012-P30 TRIPPLITE-P040-012-P30 Datasheet
165Kb / 2P
C19 to L6-30P Heavy-Duty Power Cord - 20A, 100??50V, 12 AWG, 12 ft., Black
P040-014 TRIPPLITE-P040-014 Datasheet
165Kb / 2P
C19 to L6-20P Heavy-Duty Power Cord - 20A, 250V, 12 AWG, 14 ft., Black
P045-010 TRIPPLITE-P045-010 Datasheet
159Kb / 2P
C19 to L5-20P Heavy-Duty Extension Cord - 20A, 125V, 12 AWG, 10 ft., Black
P049-010 TRIPPLITE-P049-010 Datasheet
162Kb / 2P
C19 to 5-20P Heavy-Duty Extension Cord - 20A, 125V, 12 AWG, 10 ft., Black
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com