Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P040-010 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # P040-010
Description  C19 to L6-20P Heavy-Duty Power Cord - 20A, 250V, 12 AWG, 10 ft., Black
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P040-010 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  P040-010 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P040-010 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
Country/Region
North America
INPUT
Maximum Input Amps
20
Cable Length (ft.)
10
Cable Length (m)
3.1
Voltage Compatibility (VAC)
250
PHYSICAL
Power Cord Jacket Type
SJT
Wire Gauge (AWG)
12
Wire Gauge (OD - mm²)
3.31
Shipping Dimensions (hwd / in.)
9.50 x 7.10 x 0.50
Shipping Dimensions (hwd / cm)
24.13 x 18.03 x 1.27
Shipping Weight (lbs.)
1.80
Shipping Weight (kg)
0.82
Color
Black
Number of Conductors
3
CONNECTIONS
Side A - Connector 1
NEMA L6-20P
Side B - Connector 1
IEC-320-C19
SPECIAL FEATURES
High Voltage
Yes
Heavy-Duty
Yes
Locking Plug
Yes
WARRANTY
Product Warranty Period
(Worldwide)
Lifetime limited warranty
2 / 2


Similar Part No. - P040-010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P040-012 TRIPPLITE-P040-012 Datasheet
165Kb / 2P
C19 to L6-20P Heavy-Duty Power Cord - 20A, 250V, 12 AWG, 12 ft., Black
P040-012-P30 TRIPPLITE-P040-012-P30 Datasheet
165Kb / 2P
C19 to L6-30P Heavy-Duty Power Cord - 20A, 100??50V, 12 AWG, 12 ft., Black
P040-014 TRIPPLITE-P040-014 Datasheet
165Kb / 2P
C19 to L6-20P Heavy-Duty Power Cord - 20A, 250V, 12 AWG, 14 ft., Black
More results

Similar Description - P040-010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P040006 TRIPPLITE-P040006 Datasheet
489Kb / 2P
Heavy-Duty Power Extension Cord, 20A, 12AWG (IEC-320-C19 to NEMA L6-20P), 6-ft
P036-002 TRIPPLITE-P036-002 Datasheet
163Kb / 2P
C19 to C20 Heavy-Duty Extension Cord - 20A, 250V, 12 AWG, 2 ft., Black
P036-006 TRIPPLITE-P036-006 Datasheet
164Kb / 2P
C19 to C20 Heavy-Duty Extension Cord - 20A, 250V, 12 AWG, 6 ft., Black
P036-010 TRIPPLITE-P036-010 Datasheet
164Kb / 2P
C19 to C20 Heavy-Duty Extension Cord - 20A, 250V, 12 AWG, 10 ft., Black
P039-001-2 TRIPPLITE-P039-001-2 Datasheet
165Kb / 2P
L6-20P to 2x L6-20R Y Splitter, Heavy Duty - 20A, 250V, 10 AWG, 1 ft., Black
P040-012 TRIPPLITE-P040-012 Datasheet
165Kb / 2P
C19 to L6-20P Heavy-Duty Power Cord - 20A, 250V, 12 AWG, 12 ft., Black
P040-012-P30 TRIPPLITE-P040-012-P30 Datasheet
165Kb / 2P
C19 to L6-30P Heavy-Duty Power Cord - 20A, 100??50V, 12 AWG, 12 ft., Black
P040-014 TRIPPLITE-P040-014 Datasheet
165Kb / 2P
C19 to L6-20P Heavy-Duty Power Cord - 20A, 250V, 12 AWG, 14 ft., Black
P045-010 TRIPPLITE-P045-010 Datasheet
159Kb / 2P
C19 to L5-20P Heavy-Duty Extension Cord - 20A, 125V, 12 AWG, 10 ft., Black
P049-010 TRIPPLITE-P049-010 Datasheet
162Kb / 2P
C19 to 5-20P Heavy-Duty Extension Cord - 20A, 125V, 12 AWG, 10 ft., Black
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com