Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRL-4011B-0000 Datasheet(PDF) 2 Page - CW Industries

Part # GRL-4011B-0000
Description  4000 Series Illuminated Miniature Rocker Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CWIND [CW Industries]
Direct Link  http://www.cwind.com
Logo CWIND - CW Industries

GRL-4011B-0000 Datasheet(HTML) 2 Page - CW Industries

  GRL-4011B-0000 Datasheet HTML 1Page - CW Industries GRL-4011B-0000 Datasheet HTML 2Page - CW Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rocker Knob
Translucent Nylon 6/6 (Optional)
Transparent Polycarbonate (Standard)
Rocker Lamp
LED
Housing
Nylon 94V-2
Terminal & Moving Contact
Copper Alloy or
Copper Alloy Silver Plated
Endurance:
100,000 cycles, no load, minimum
25,000 cycles at rated load minimum
Contact Resistance:
Less than 0.01 Ω at 10 mA
Operating Temperature:
From -20ºC to 105ºC maximum.
Consult factory for higher or lower temperature ranges.
High Voltage Dielectric Withstanding Voltage:
2,500 V, 60 Hz for 1 minute between mounting surface and circuit connections (min.)
Relative Humidity:
Insulation resistance > 103 MΩ after 100 hours at 95% R.H. and 50ºC followed by 1 hour dry at ambient room conditions
Operating Standards described herein are general specifications that vary depending on the switch construction specified and end application.
Contact us for specifications for specific models. Specifications subject to change without notice.
Materials
Operating Standards
3/17/2019 | Page 2 of 2


Similar Part No. - GRL-4011B-0000

ManufacturerPart #DatasheetDescription
logo
CW Industries
GRL-4011B-0000 CWIND-GRL-4011B-0000 Datasheet
194Kb / 2P
4000 Series Momentary Miniature Rocker Switches
More results

Similar Description - GRL-4011B-0000

ManufacturerPart #DatasheetDescription
logo
CW Industries
GRL-4011-0000 CWIND-GRL-4011-0000 Datasheet
198Kb / 2P
4000 Series Illuminated Miniature Rocker Switches
GRL-4011-0001 CWIND-GRL-4011-0001 Datasheet
198Kb / 2P
4000 Series Illuminated Miniature Rocker Switches
GRL-4011-0015 CWIND-GRL-4011-0015 Datasheet
198Kb / 2P
4000 Series Illuminated Miniature Rocker Switches
GRL-4011-0021 CWIND-GRL-4011-0021 Datasheet
196Kb / 2P
4000 Series Illuminated Miniature Rocker Switches
GRL-4011-1600 CWIND-GRL-4011-1600_19 Datasheet
198Kb / 2P
4000 Series Illuminated Miniature Rocker Switches
GRL-4012-0000 CWIND-GRL-4012-0000 Datasheet
189Kb / 2P
4000 Series Illuminated Miniature Rocker Switches
GRL-4012-1600 CWIND-GRL-4012-1600 Datasheet
181Kb / 2P
4000 Series Illuminated Miniature Rocker Switches
GRL-4021-0000 CWIND-GRL-4021-0000 Datasheet
179Kb / 2P
4000 Series Illuminated Miniature Rocker Switches
GRL-4021-0012 CWIND-GRL-4021-0012 Datasheet
194Kb / 2P
4000 Series Illuminated Miniature Rocker Switches
GRL-4022-0000 CWIND-GRL-4022-0000 Datasheet
196Kb / 2P
4000 Series Illuminated Miniature Rocker Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com