Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRL-4011B-0000 Datasheet(PDF) 2 Page - CW Industries

Part # GRL-4011B-0000
Description  4000 Series Momentary Miniature Rocker Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CWIND [CW Industries]
Direct Link  http://www.cwind.com
Logo CWIND - CW Industries

GRL-4011B-0000 Datasheet(HTML) 2 Page - CW Industries

  GRL-4011B-0000 Datasheet HTML 1Page - CW Industries GRL-4011B-0000 Datasheet HTML 2Page - CW Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rocker Knob
Translucent Nylon 6/6 (Standard)
Transparent Polycarbonate (Optional)
Housing
Nylon 94V-2
Terminal & Moving Contact
Copper Alloy or
Copper Alloy Silver Plated
Endurance:
100,000 cycles, no load, minimum
25,000 cycles at rated load minimum
Contact Resistance:
Less than 0.01 Ω at 10 mA
Operating Temperature:
From -20ºC to 105ºC maximum.
Consult factory for higher or lower temperature ranges.
High Voltage Dielectric Withstanding Voltage:
2,500 V, 60 Hz for 1 minute between mounting surface and circuit connections (min.)
Relative Humidity:
Insulation resistance > 103 MΩ after 100 hours at 95% R.H. and 50ºC followed by 1 hour dry at ambient room conditions
Operating Standards described herein are general specifications that vary depending on the switch construction specified and end application.
Contact us for specifications for specific models. Specifications subject to change without notice.
Operating Standards
3/12/2019 | Page 2 of 2


Similar Part No. - GRL-4011B-0000

ManufacturerPart #DatasheetDescription
logo
CW Industries
GRL-4011B-0000 CWIND-GRL-4011B-0000 Datasheet
196Kb / 2P
4000 Series Illuminated Miniature Rocker Switches
GRL-4011B-0000 CWIND-GRL-4011B-0000_19 Datasheet
196Kb / 2P
4000 Series Illuminated Miniature Rocker Switches
More results

Similar Description - GRL-4011B-0000

ManufacturerPart #DatasheetDescription
logo
CW Industries
GC-509-0025 CWIND-GC-509-0025 Datasheet
195Kb / 2P
4000 Series Momentary Miniature Rocker Switches
GRS-4011B-0001 CWIND-GRS-4011B-0001 Datasheet
189Kb / 2P
4000 Series Momentary Miniature Rocker Switches
GRS-4011B-0014 CWIND-GRS-4011B-0014 Datasheet
188Kb / 2P
4000 Series Momentary Miniature Rocker Switches
GRS-4011B-0015 CWIND-GRS-4011B-0015 Datasheet
178Kb / 2P
4000 Series Momentary Miniature Rocker Switches
GRS-4011B-1300 CWIND-GRS-4011B-1300_19 Datasheet
186Kb / 2P
4000 Series Momentary Miniature Rocker Switches
GRS-4011C-0000 CWIND-GRS-4011C-0000 Datasheet
186Kb / 2P
4000 Series Momentary Miniature Rocker Switches
GRS-4011C-0002 CWIND-GRS-4011C-0002 Datasheet
184Kb / 2P
4000 Series Momentary Miniature Rocker Switches
GRS-4011C-0003 CWIND-GRS-4011C-0003 Datasheet
183Kb / 2P
4000 Series Momentary Miniature Rocker Switches
GRS-4012A-0010 CWIND-GRS-4012A-0010 Datasheet
197Kb / 2P
4000 Series Momentary Miniature Rocker Switches
GRS-4021C-0002 CWIND-GRS-4021C-0002 Datasheet
179Kb / 2P
4000 Series Momentary Miniature Rocker Switches
GRS-4022A-0001 CWIND-GRS-4022A-0001 Datasheet
201Kb / 2P
4000 Series Momentary Miniature Rocker Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com