Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRL-4011B-0000 Datasheet(PDF) 1 Page - CW Industries

Part # GRL-4011B-0000
Description  4000 Series Momentary Miniature Rocker Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CWIND [CW Industries]
Direct Link  http://www.cwind.com
Logo CWIND - CW Industries

GRL-4011B-0000 Datasheet(HTML) 1 Page - CW Industries

  GRL-4011B-0000 Datasheet HTML 1Page - CW Industries GRL-4011B-0000 Datasheet HTML 2Page - CW Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Item # GRL-4011B-0000, 4000 Series Momentary Miniature Rocker Switches
Specifications · Materials · Operating Standards
1 All ratings are on a load per pole, opposite polarity basis. Additional ratings may be available, contact us for more information.
Switches marked µ are acceptable for use as power switches provided there is a plug disconnect or a switch with open contact gaps of 3 mm
minimum.
Circuitry
SPST
Switch Function
(ON)-OFF
Electrical Ratings1
8A 14VDC
Temperature Rating
+ 65 Max. Degrees C
Panel Opening
0.508 x 0.756 in
12.90 x 19.20 mm
Acceptable Panel Thickness
0.050 - 0.150 in
1.27 - 3.81 mm
Mounting
Self locks without hardware when inserted into a 0.756" (19.20 mm) x 0.508" (12.90 mm) panel
cutout. Acceptable panel thickness range is from 0.050" (1.27 mm) to 0.150" (3.81 mm).
CAUTION: Burr direction must be away from the direction of insertion.
Mounting Polarization
None
Actuator Color
Red
Illumination
LED
Insulating Barriers
(X) Between Poles
( _ ) Between Terminals
( _ ) No Barriers
Terminal
(X) 0.187 x 0.032in.
4.75 x 0.81mm. Quick Connect
(_) 0.187 x 0.020in.
4.75 x 0.51mm. Quick Connect
(_) 0.110 x 0.032in.
2.79 x 0.81mm. Quick Connect
(_) 0.110 x 0.032in.
2.79 x 0.81mm. Solder Terminal
Contact Action
Sliding with Self Cleaning Contacts
Compliance
.
Specifications
Materials
CW INDUSTRIES
130 James Way
Southampton, PA 18966
Phone: 215-355-7080 • Fax: 215-355-1088
Email: info@cwind.com • Website: http://www.cwind.com
3/12/2019 | Page 1 of 2


Similar Part No. - GRL-4011B-0000

ManufacturerPart #DatasheetDescription
logo
CW Industries
GRL-4011B-0000 CWIND-GRL-4011B-0000 Datasheet
196Kb / 2P
4000 Series Illuminated Miniature Rocker Switches
GRL-4011B-0000 CWIND-GRL-4011B-0000_19 Datasheet
196Kb / 2P
4000 Series Illuminated Miniature Rocker Switches
More results

Similar Description - GRL-4011B-0000

ManufacturerPart #DatasheetDescription
logo
CW Industries
GC-509-0025 CWIND-GC-509-0025 Datasheet
195Kb / 2P
4000 Series Momentary Miniature Rocker Switches
GRS-4011B-0001 CWIND-GRS-4011B-0001 Datasheet
189Kb / 2P
4000 Series Momentary Miniature Rocker Switches
GRS-4011B-0014 CWIND-GRS-4011B-0014 Datasheet
188Kb / 2P
4000 Series Momentary Miniature Rocker Switches
GRS-4011B-0015 CWIND-GRS-4011B-0015 Datasheet
178Kb / 2P
4000 Series Momentary Miniature Rocker Switches
GRS-4011B-1300 CWIND-GRS-4011B-1300_19 Datasheet
186Kb / 2P
4000 Series Momentary Miniature Rocker Switches
GRS-4011C-0000 CWIND-GRS-4011C-0000 Datasheet
186Kb / 2P
4000 Series Momentary Miniature Rocker Switches
GRS-4011C-0002 CWIND-GRS-4011C-0002 Datasheet
184Kb / 2P
4000 Series Momentary Miniature Rocker Switches
GRS-4011C-0003 CWIND-GRS-4011C-0003 Datasheet
183Kb / 2P
4000 Series Momentary Miniature Rocker Switches
GRS-4012A-0010 CWIND-GRS-4012A-0010 Datasheet
197Kb / 2P
4000 Series Momentary Miniature Rocker Switches
GRS-4021C-0002 CWIND-GRS-4021C-0002 Datasheet
179Kb / 2P
4000 Series Momentary Miniature Rocker Switches
GRS-4022A-0001 CWIND-GRS-4022A-0001 Datasheet
201Kb / 2P
4000 Series Momentary Miniature Rocker Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com