Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCBGD10CD1C05 Datasheet(PDF) 9 Page - Finisar Corporation.

Part # FCBGD10CD1C05
Description  C.wire 120 Gb/s Parallel Active Optical Cable
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FCBGD10CD1C05 Datasheet(HTML) 9 Page - Finisar Corporation.

Back Button FCBGD10CD1C05 Datasheet HTML 5Page - Finisar Corporation. FCBGD10CD1C05 Datasheet HTML 6Page - Finisar Corporation. FCBGD10CD1C05 Datasheet HTML 7Page - Finisar Corporation. FCBGD10CD1C05 Datasheet HTML 8Page - Finisar Corporation. FCBGD10CD1C05 Datasheet HTML 9Page - Finisar Corporation. FCBGD10CD1C05 Datasheet HTML 10Page - Finisar Corporation. FCBGD10CD1C05 Datasheet HTML 11Page - Finisar Corporation. FCBGD10CD1C05 Datasheet HTML 12Page - Finisar Corporation. FCBGD10CD1C05 Datasheet HTML 13Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
FCBGD10CD1Cxx Product Specification – July 2012
F i n i s a r
Finisar Corporation – 12-Jul-12 Rev B8
Page 9
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
0
1
2
3
4
5
6
7
8
9
10
11
12
GHz
Figure 4 – Maximum Transmitter Input and Receiver Output Differential Return Loss
Power (mW)
Pre-Emphasis into 100ohms (mV)
0
125
175
325
0
1189
317
1645
2197
2305
2617
422
1753
2305
2413
2725
739
2041
2557
2701
2962
Figure 5 – Power Dissipation (mW, typical) vs. Rx Output Conditions
VI.
Memory Map and Control Registers
Compatible with the CXP Specification. Please see Finisar Application Note AN-2077.


Similar Part No. - FCBGD10CD1C05

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FCBG110SD1C01 FINISAR-FCBG110SD1C01 Datasheet
739Kb / 9P
RoHS-6 Compliant 10Gb/s SFPwire SFP Active Optical Cable
logo
ATGBICS by Approved Tec...
FCBG110SD1C01B-C ATGBICS-FCBG110SD1C01B-C Datasheet
390Kb / 6P
FCBG110SD1C01B Finisar Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (1m, Passive)
logo
Finisar Corporation.
FCBG110SD1C02 FINISAR-FCBG110SD1C02 Datasheet
739Kb / 9P
RoHS-6 Compliant 10Gb/s SFPwire SFP Active Optical Cable
FCBG110SD1C03 FINISAR-FCBG110SD1C03 Datasheet
739Kb / 9P
RoHS-6 Compliant 10Gb/s SFPwire SFP Active Optical Cable
logo
ATGBICS by Approved Tec...
FCBG110SD1C03-C ATGBICS-FCBG110SD1C03-C Datasheet
151Kb / 3P
FCBG110SD1C03 Finisar Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (3m, Passive)
More results

Similar Description - FCBGD10CD1C05

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FCBG410QB1CXX FINISAR-FCBG410QB1CXX Datasheet
505Kb / 10P
Quadwire짰 40 Gb/s Parallel Active Optical Cable
FCBN410QB1CXX FINISAR-FCBN410QB1CXX Datasheet
585Kb / 10P
Quadwire짰 40 Gb/s Parallel Active Optical Cable
FCBN510QE2CXX FINISAR-FCBN510QE2CXX Datasheet
840Kb / 12P
Quadwire짰 40 Gb/s Parallel Breakout Active Optical Cable
logo
FCI connector
ICD120GVP2420-05 FCI-CONNECTOR-ICD120GVP2420-05 Datasheet
119Kb / 2P
12 Channel Parallel Active Optical Cable
logo
Finisar Corporation.
FCBX414QB1CXX FINISAR-FCBX414QB1CXX Datasheet
784Kb / 2P
56G FDR parallel active optical cable
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-7QER01Z AVAGO-AFBR-7QER01Z Datasheet
658Kb / 15P
40 Gigabit Ethernet & InfiniBand QDR Parallel Active Optical Cable
logo
Japan Aviation Electron...
RP04 JAE-RP04 Datasheet
526Kb / 5P
AOC (Active Optical Cable)
logo
TE Connectivity Ltd
2368651 TEC-2368651 Datasheet
273Kb / 4P
200G QSFP56 Active Optical Cable
23 AUGUST 2022 Rev B
2368650 TEC-2368650 Datasheet
279Kb / 4P
100G QSFP28 Active Optical Cable
23 AUGUST 2022 Rev B
logo
Optoway Technology Inc
SPS-7110V-2RG_2015 OPTOWAY-SPS-7110V-2RG_2015 Datasheet
163Kb / 5P
1.5 Gb/s Dual Optical SM Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com