Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCBGD10CD1C05 Datasheet(PDF) 7 Page - Finisar Corporation.

Part # FCBGD10CD1C05
Description  C.wire 120 Gb/s Parallel Active Optical Cable
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FCBGD10CD1C05 Datasheet(HTML) 7 Page - Finisar Corporation.

Back Button FCBGD10CD1C05 Datasheet HTML 3Page - Finisar Corporation. FCBGD10CD1C05 Datasheet HTML 4Page - Finisar Corporation. FCBGD10CD1C05 Datasheet HTML 5Page - Finisar Corporation. FCBGD10CD1C05 Datasheet HTML 6Page - Finisar Corporation. FCBGD10CD1C05 Datasheet HTML 7Page - Finisar Corporation. FCBGD10CD1C05 Datasheet HTML 8Page - Finisar Corporation. FCBGD10CD1C05 Datasheet HTML 9Page - Finisar Corporation. FCBGD10CD1C05 Datasheet HTML 10Page - Finisar Corporation. FCBGD10CD1C05 Datasheet HTML 11Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
FCBGD10CD1Cxx Product Specification – July 2012
F i n i s a r
Finisar Corporation – 12-Jul-12 Rev B8
Page 7
-500
-400
-300
-200
-100
0
100
200
300
400
500
0
0.2
0.4
0.6
0.8
1
UI
Figure 2 – Transmitter Input Differential Signal Mask
Parameter –Outputs
Symbol
Conditions
Min
Typ
Max
Units
Ref.
Reference Differential Output Impedance
Zd
100
Ω
Termination Mismatch
ΔZ
M
5
%
Output AC Common Mode Voltage
15
mVRMS
Output Rise and Fall time (20% to 80%)
tRH, tFH
24
ps
Differential Output Return Loss
SDD22
0.01-4.1 GHz
dB
1
4.1 – 11.1 GHz
dB
2
Common Mode Output Return Loss
SCC22
0.01-2.5 GHz
dB
3
2.5-11.1 GHz
-3
dB
Notes:
1. Reflection coefficient given by equation SDD22(dB)< -12+2*SQRT(f), with f in GHz. See Figure 4.
2. Reflection coefficient given by equation SDD22(dB)< -6.3+13Log10(f/5.5), with f in GHz. See Figure
4.
3. Reflection coefficient given by equation SCC22(dB)< -7+1.6*f, with f in GHz.
Receiver Output Jitter Specification
Symbol
Min
Typ
Max
Units
Ref.
Deterministic Jitter
DJOUT
0.40
UI
1
Total Jitter
TJOUT
0.72
UI
1
Notes:
1.
When transmitter input jitter specs are met. Typical Total Jitter contribution for C.wire is 30 UI (typ).


Similar Part No. - FCBGD10CD1C05

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FCBG110SD1C01 FINISAR-FCBG110SD1C01 Datasheet
739Kb / 9P
   RoHS-6 Compliant 10Gb/s SFPwire SFP Active Optical Cable
logo
ATGBICS by Approved Tec...
FCBG110SD1C01B-C ATGBICS-FCBG110SD1C01B-C Datasheet
390Kb / 6P
   FCBG110SD1C01B Finisar Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (1m, Passive)
logo
Finisar Corporation.
FCBG110SD1C02 FINISAR-FCBG110SD1C02 Datasheet
739Kb / 9P
   RoHS-6 Compliant 10Gb/s SFPwire SFP Active Optical Cable
FCBG110SD1C03 FINISAR-FCBG110SD1C03 Datasheet
739Kb / 9P
   RoHS-6 Compliant 10Gb/s SFPwire SFP Active Optical Cable
logo
ATGBICS by Approved Tec...
FCBG110SD1C03-C ATGBICS-FCBG110SD1C03-C Datasheet
151Kb / 3P
   FCBG110SD1C03 Finisar Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (3m, Passive)
More results

Similar Description - FCBGD10CD1C05

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FCBG410QB1CXX FINISAR-FCBG410QB1CXX Datasheet
505Kb / 10P
   Quadwire짰 40 Gb/s Parallel Active Optical Cable
FCBN410QB1CXX FINISAR-FCBN410QB1CXX Datasheet
585Kb / 10P
   Quadwire짰 40 Gb/s Parallel Active Optical Cable
FCBN510QE2CXX FINISAR-FCBN510QE2CXX Datasheet
840Kb / 12P
   Quadwire짰 40 Gb/s Parallel Breakout Active Optical Cable
logo
FCI connector
ICD120GVP2420-05 FCI-CONNECTOR-ICD120GVP2420-05 Datasheet
119Kb / 2P
   12 Channel Parallel Active Optical Cable
logo
Finisar Corporation.
FCBX414QB1CXX FINISAR-FCBX414QB1CXX Datasheet
784Kb / 2P
   56G FDR parallel active optical cable
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-7QER01Z AVAGO-AFBR-7QER01Z Datasheet
658Kb / 15P
   40 Gigabit Ethernet & InfiniBand QDR Parallel Active Optical Cable
logo
Japan Aviation Electron...
RP04 JAE-RP04 Datasheet
526Kb / 5P
   AOC (Active Optical Cable)
logo
TE Connectivity Ltd
2368651 TEC-2368651 Datasheet
273Kb / 4P
   200G QSFP56 Active Optical Cable
23 AUGUST 2022 Rev B
2368650 TEC-2368650 Datasheet
279Kb / 4P
   100G QSFP28 Active Optical Cable
23 AUGUST 2022 Rev B
logo
Optoway Technology Inc
SPS-7110V-2RG_2015 OPTOWAY-SPS-7110V-2RG_2015 Datasheet
163Kb / 5P
   1.5 Gb/s Dual Optical SM Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com